Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
Timer Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-51
3.16
Timer Timing
Figure 3-37 TIO Timer Event Input Restrictions
3.17
GPIO Timing
Table 3-21 Timer Timing1
1 V
CC = 1.8 V ± 0.09 V; TJ = –40°C to +95°C, CL = 50 pF
No.
Characteristics
Expression
150 MHz
Unit
Min
Max
480
TIO Low
2
× TC + 2.0
15.4
ns
481
TIO High
2
× TC + 2.0
15.4
ns
Table 3-22 GPIO Timing
No.
Characteristics1
1 V
CC = 1.8 V ± 0.09 V; TJ = -40°C to +95°C, CL = 50 pF
Expression
Min
Max
Unit
4902
2 Valid only when PLL enabled with multiplication factor equal to one.
EXTAL edge to GPIO out valid (GPIO out delay time)
32.8
ns
491
EXTAL edge to GPIO out not valid (GPIO out hold time)
4.8
ns
492
GPIO In valid to EXTAL edge (GPIO in set-up time)
10.2
ns
493
EXTAL edge to GPIO in not valid (GPIO in hold time)
1.8
ns
4942
Fetch to EXTAL edge before GPIO change
6.75
× TC-1.8
43.4
ns
495
GPIO out rise time
13
ns
496
GPIO out fall time
13
ns
TIO
481
480
AA0492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com