Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 25Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 26Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 27Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 28Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 29Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 30Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 31Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 32Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
29
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Over-Voltage
Hysteresis
RT6310AH/DH
--
14
--
%
RT6310BH
--
8
--
RT6310CH
--
5
--
Output Under-Voltage Protection
Output Under-Voltage
Falling Threshold
RT6310A/AH/C/CH/D/DH : VFB/VFF falling
55
60
65
%
RT6310B/BH : VOUT falling
Output Under-Voltage
Rising Threshold
RT6310A/AH/C/CH/D/DH : VFB/VFF rising
--
72
--
%
RT6310B/BH : VOUT rising
Output Under-Voltage
Deglitch Time
RT6310A/AH/C/CH/D/DH : force VFB/VFF
below UVP falling threshold until LX stop
switching.
--
11
--
s
RT6310B/BH : force VOUT below UVP
falling threshold until LX stop switching.
UV Blank Time
RT6310A/AH/D/DH
From EN/MODE
high
1.8
2.4
3
ms
RT6310B/BH
1.7
2.3
2.9
RT6310C/CH
2.2
2.9
3.6
Power Good
Power Good Threshold
RT6310A/AH/C/CH/D/DH : VFB/VFF rising
85
90
95
%
RT6310B/BH : VOUT rising
Power Good Hysteresis
RT6310A/AH/D/DH
TA = TJ = 25C
--
10.7
--
%
RT6310B/BH
10.9
RT6310C/CH
--
7.1
--
Power Good Low
Deglitch Time
--
20
--
s
LDO Regulator
LDO Output Voltage
VLDO3
RT6310B/BH
TA = TJ = 25C,
VEN/MODE = 0V, no
bypass
3.25
3.3
3.35
V
VLDO5
RT6310C/CH
4.925
5
5.075
LDO Dropout Voltage
VDROP
ILDO = 20mA, VEN/MODE = 0V, no bypass.
(Note 6)
--
200
--
mV
LDO Output Current Limit ILIM_LDO
120
200
300
mA
LDO Bypass Switch
LDO Bypass Switch On-
Resistance
RBYP_LDO
RT6310B/BH
TA = TJ = 25C
--
2.6
--
RT6310C/CH
--
1.8
--
LDO Bypass Switch
Turn-on Voltage
VBYP_LDO_
ON
RT6310B/BH
2.9
3.1
3.3
V
RT6310C/CH
4.5
4.7
4.9
Bypass Switch
Switchover Hysteresis
RT6310B/C and RT6310BH/CH :
0.1
0.2
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com