Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 44 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 44 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 40Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 41Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 42Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 43Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 44Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 45Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 46Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 47Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 48Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
44
Figure 20. De-rating Curve of Maximum Power
Dissipation
Layout Considerations
Printed circuit board (PCB) layout design for switch-
mode power supply IC is critical and important.
Improper PCB layout brings lots of problems on power
supply, such as poor output voltage regulation,
switching jitter, bad thermal performance, excessively
radiate noise and reducing component reliability. To
avoid those issues, designers have to understand
current trace and signal flow in the switching power
supply. The following are design considerations of PCB
layout for switching power supply.
For suppressing phase ring and extra power losses
that affect device reliability, the input capacitor has to
be placed close to VIN pin to reduce the influence of
parasitic inductor.
For
thermal
stress
and
power
consumption
considerations, the current paths of VIN and VOUT has
to be as short and wide as possible to decrease the
trace impedance.
Since the LX node voltage swings from VIN to 0V with
very fast rising and falling times, switching power
supply suffers quite serious EMI issues. To eliminate
EMI problems, the inductor must be put as close as
possible to IC to narrow the LX node area. Besides,
the LX node should be arranged in the same plate to
reduce coupling noise path caused by parasitic
capacitance.
For system stability and coupling noise elimination,
the sensitive components and signals, such as
control signal and feedback loop, should be kept
away from LX node.
For enhancing noise immunity on VCC pin, the
decoupling capacitor must be connected from VCC to
AGND, and the capacitor should be placed close to
IC.
The feedback signal path from VOUT to IC should be
wide and kept away from high switching path.
The trace width and numbers of via should be
designed based on application current. Make sure the
switching
power
supply
has
great
thermal
performance and good efficiency.
An example of PCB layout guides are shown in Figure
21 to Figure 23 for reference.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
four-layer Richtek EVB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com