Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6310C/CH Datasheet HTML 1Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 2Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 3Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 4Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 5Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 6Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 7Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 8Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
1
10A, 23V Synchronous Step-Down Converter with 3.3V/5V
LDO
General Description
The RT6310 family are high efficiency synchronous
step-down DC-DC converters with pseudo constant
switching frequency 500kHz and deliver up to 10A
output
current.
The
RT6310A/B/D
and
RT6310AH/BH/DH operate from 4.5V to 23V input
voltage. The output voltage of RT6310A/AH/D/DH is
programmable between 0.6V to 5.5V and RT6310B/BH
is fixed to 3.3V output voltage. The input voltage of
RT6310C/CH ranges from 5.2V to 23V and the output
voltage of RT6310C/CH is fixed to 5.1V.
The RT6310 adopts Advanced Constant On-Time
(ACOT® ) control architecture that provides ultra-fast
transient response and further reduces the external
component count. In steady states, the ACOT®
operates at nearly constant switching frequency over
line, load and output voltage ranges and makes the EMI
filter design easier.
By setting the voltage of the EN/MODE pin, RT6310
operates either in diode emulation mode (DEM) or
ultrasonic mode (USM) at light load. The USM
maintains operation frequency above 25kHz, which
eliminates the acoustic noise. In the DEM, RT6310
provides the best light-load efficiency and improves the
acoustic noise with spread spectrum function.
RT6310 provides PGOOD indicator for easy system
sequence control. Full protection features are also
integrated in the device, including the cycle-by-cycle
current limit, OVP, UVP, input UVLO and OTP.
All above functions are integrated in a UQFN-23L 3x3
(FC) package.
Features
⚫
Input Voltage Range
RT6310A/B/D and RT6310AH/BH/DH : 4.5V to
23V
RT6310C/CH : 5.2V to 23V
⚫
Output Voltage
RT6310A/AH and RT6310D/DH : 0.6V to 5.5V
RT6310B/BH : 3.3V
RT6310C/CH : 5.1V
⚫
10A Continuous Output Current
⚫
Stable with POSCAP and MLCC Capacitor
⚫
Fast Transient Response
⚫
Diode Emulation Mode (DEM) for Power Saving
⚫
Ultrasonic Mode (USM) for Avoiding Acoustic
Noise
⚫
Pseudo Constant Switching Frequency 500kHz in
CCM
⚫
Internal Power MOSFET Switch 17m
 (high-side)
and 7.5m
 (low-side)
⚫
LDO
RT6310B/BH : 3.3V/100mA
RT6310C/CH : 5V/100mA
⚫
Over-Current Limit
RT6310A/AH : Adjustable (13A, 15A or 17A)
RT6310D/DH : Adjustable (6.5A, 16A or 25.8A)
RT6310B/BH/C/CH : 15A
⚫
Output Under-/Over-Voltage Protection (UVP/OVP)
RT6310A/B/C/D : Latched Mode UVP/OVP
RT6310AH/BH/CH/DH : Hiccup Mode UVP and
Non-Latched Mode OVP
⚫
Input Under-Voltage-Lockout (UVLO)
⚫
Over-Temperature Protection (OTP)
RT6310A/B/C/D : Latched Mode OTP
RT6310AH/BH/CH/DH : Non-Latched Mode OTP
Applications
⚫
Laptop Computers
⚫
Tablet PCs
⚫
Networking Systems
⚫
Servers
⚫
Personal Video Recorders
⚫
Flat Panel Television and Monitors
⚫
Distributed Power Systems


Similar Part No. - RT6310C/CH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6316BGQUF RICHTEK-RT6316BGQUF Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6316C RICHTEK-RT6316C Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6316CGQUF RICHTEK-RT6316CGQUF Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
More results

Similar Description - RT6310C/CH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com