Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 22Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 23Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 24Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 25Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 26Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 27Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 28Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 29Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
26
Absolute Maximum Ratings
(Note 1)
⚫
Supply Input Voltage, VIN --------------------------------------------------------------------------------
−0.3V to 28V
⚫
Enable/Mode Pin Voltage, VEN/MODE-----------------------------------------------------------------
−0.3V to 28V
⚫
VCC Pin Voltage, VCC -----------------------------------------------------------------------------------
−0.3V to 6.5V
⚫
VOUT Pin Voltage, VOUT (RT6310B/BH)------------------------------------------------------------
−0.3V to 4.5V
⚫
VOUT Pin Voltage, VOUT (RT6310C/CH) -----------------------------------------------------------
−0.3V to 6.5V
⚫
Switch Voltage, VLX---------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
10ns -------------------------------------------------------------------------------------------------------- −10V to 38V
5ns ---------------------------------------------------------------------------------------------------------- −14V to 38V
⚫
Boot Voltage, VBS ---------------------------------------------------------------------------------------- (VLX
−0.3V) to (VLX + 6V)
⚫
Other I/O Pin Voltages ----------------------------------------------------------------------------------
−0.3V to 6V
⚫
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------- 260
C
⚫
Junction Temperature ----------------------------------------------------------------------------------- 150
C
⚫
Storage Temperature Range --------------------------------------------------------------------------
−65C to 150C
ESD Ratings
⚫
ESD Susceptibility
(Note 2)
HBM (Human Body Model) ----------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 3)
⚫
Supply Input Voltage (RT6310A/AH/B/BH/D/DH) ------------------------------------------------ 4.5V to 23V
⚫
Supply Input Voltage (RT6310C/CH)----------------------------------------------------------------- 5.2V to 23V
⚫
Junction Temperature Range --------------------------------------------------------------------------
−40C to 125C
Thermal Information
(Note 4 and Note 5)
Thermal Parameter
UQFN-23L 3x3 (FC)
Unit
JA
Junction-to-ambient thermal resistance (JEDEC standard)
34.3
C/W
JC(Top)
Junction-to-case (top) thermal resistance
5.2
C/W
JC(Bottom)
Junction-to-case (bottom) thermal resistance
3.6
C/W
JA(EVB)
Junction-to-ambient thermal resistance (specific EVB)
30.1
C/W
JC(Top)
Junction-to-top characterization parameter
0.08
C/W
JB
Junction-to-board characterization parameter
16.6
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com