Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 51 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 51 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 46Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 47Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 48Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 49Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 50Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 51Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 52Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 53Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 54Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
51
Packing Information
Tape and Reel Data
Package Type
Tape Size
(W1) (mm)
Pocket Pitch
(P) (mm)
Reel Size (A)
Units
per Reel
Trailer
(mm)
Leader
(mm)
Reel Width (W2)
Min./Max. (mm)
(mm)
(in)
QFN/DFN 3x3
12
8
180
7
1,500
160
600
12.4/14.4
Tape Size
W1
P
B
F
ØJ
H
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Max.
12mm
12.3mm
7.9mm
8.1mm
1.65mm
1.85mm
3.9mm
4.1mm
1.5mm
1.6mm
0.6mm
C, D and K are determined by component size.
The clearance between the components and
the cavity is as follows:
- For 12mm carrier tape: 0.5mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com