Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 42 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 42 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 38Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 39Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 40Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 41Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 42Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 43Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 44Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 45Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 46Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
42
capacitor CFF is used in the feedback loop to improve
transient response, as shown in Figure 16 and Figure
17. Figure 18 shows the comparison result of bode plot
with different feedback loop conditions. Referring to
Figure 18, through connecting a CFF in feedback
network, the gain and phase are raised in mid-
frequency, which not only extends the bandwidth, but
also boosts the phase margin. Moreover, there is also a
high frequency pole to eliminate high frequency noise.
Consequently, those features of feedforward feedback
network allow the RT6310 to have faster response to
different load transients.
FB
VOUT
RT6310A/AH
RT6310D/DH
R1
CFF
R2
AGND
Figure 16. RT6310A/AH/D/DH Feedback Loop with
Feedforward Capacitor
FF
RT6310C/CH
CFF
VOUT
R1
R2
AGND
VOUT
80k
Ω
40k
Ω
Figure 17. RT6310C/CH Feedback Loop with
Feedforward Capacitor
Figure 18. Bode Plot with Different Feedback Loop Conditions
The transfer function of feedforward network is
expressed in equation (1) and the positions of zero and
pole are calculated in equation (2) and equation (3).
(
)
FB
FF
OUT
FF
s
1 +
1
V
(s)
R1 C
1
=
(1)
R1
s
V
(s)
1 +
1 +
1
R2
R1//R2
C
P
FF
1
f =
(2)
2
R1//R2 C
 
Z
FF
1
f =
(3)
2
R1 C
 
According to Figure 18, the maximum phase boost that
occurs between zero and pole frequencies is defined as
maximum phase boost frequency, as expressed in
equation (4). Hence, in order to achieve the maximum
1
10
10 0
1 10
3
1 10
4
1 10
5
1 10
6
30
−
25
−
20
−
15
−
10
−
5
−
0
5
10
1
10
10 0
1 10
3
1 10
4
1 10
5
1 10
6
0
50
10 0
Frequency(Hz)
Frequency(Hz)
W/ Cff
W/O Cff
W/ Cff
W/O Cff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com