Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 29Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 30Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 31Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 32Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 33Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 34Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 35Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 36Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
33
Table 3. Suggested Typical Component Selections for the Application-Part I
Part Number
VOUT
R1
R2
CFF
L
(2), (3)
CLDO
REXT
CEXT
RT6310A/AH
RT6310D/DH
1.05V
30.9k
41.2k
68pF/50V/0603
0.68
H
NA
1.1
/0603
4.7
F/6.3V/0603
1.8V
80.6k
40.2k
39pF/50V/0603
3.3V
182k
40.2k
33pF/50V/0603
1.5
H
5.1V
301k
40.2k
22pF/50V/0603
RT6310B/BH
3.3V
NA
NA
NA
10
F/6.3V/0603
RT6310C/CH
5.1V
22pF/50V/0603
10
F/6.3V/0603
NA
NA
Table 4. Suggested Typical Component Selections for the Application-Part II
Part Number
VOUT
CIN
COUT
RBOOT
CBOOT
CVCC
CEN/MODE
RT6310A/AH
RT6310D/DH
1.05V
10
F/35V/0805x2
0.1
F/50V/0603x1
22
F/6.3V/0805x6
0
/0603
0.1
F/50V/0603
1
F/6.3V/0603
0.1
F/50V/0603
1.8V
3.3V
5.1V
RT6310B/BH
3.3V
22
F/6.3V/0805x4
RT6310C/CH
5.1V
Note:
(1) All the input and output capacitors are the suggested values, referring to the effective capacitances, subject to any
de-rating effect, like a DC bias.
(2) PEUE063T-R68MS : Size(mm) = 7.3 x 6.8 x 3, L = 0.68
H, DCR = 4.3m, ISAT = 18.5A
(3) PEUE063T-1R5MS : Size(mm) = 6.95 x 6.6 x 2.8, L = 1.5
H, DCR = 7.7m, ISAT = 14.8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com