Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 39Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 40Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 41Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 42Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 43Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 44Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 45Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 46Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 47Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
43
phase boost by adding CFF in the RT6310, the system's
original bandwidth has to be located at maximum phase
boost frequency.
ph_max
P
Z
f
=
f
f
(4)
For putting zero at the correct frequency to implement
maximum phase boost, the first thing is to determine
system's
bandwidth.
A
simple
way to
measure
bandwidth of the RT6310 is load transient analysis. By
using a converter without feedforward network to
observe the voltage deviation frequency during load
step, the bandwidth of converter is obtained since the
crossover frequency is related to voltage deviation
frequency approximately, as shown in Figure 19.
BW
VOUT
IOUT
t
Figure 19. A Simple Way to Get the Bandwidth
Following the above concept, the equation of bandwidth
with feedforward CFF is derived, as expressed in
equation (5).
FF
FF
1
1
1
1
BW =
+
(5)
2
R1 C
2
C
R1
R2




For optimizing transient response, the CFF is obtained
from equation (5), as shown in equation (6).
FF
1
1
1
1
C
=
+
(6)
2
BW
R1
R1
R2



After defining the CFF, please also check the load
regulation, because feedforward capacitor might inject
an offset voltage into VOUT to cause VOUT inaccuracy.
If the output voltage is over-spec caused by calculated
CFF, please decrease the value of feedforward
capacitor CFF.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula:
PD(MAX) = (TJ(MAX) − TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA
is the ambient temperature, and
θJA is the junction-to-
ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating Conditions is 125°C. The junction-to-ambient
thermal
resistance,
θJA(EVB), is highly package
dependent. For a UQFN-23L 3x3 (FC) package, the
thermal resistance,
θJA(EVB), 30.1°C/W is measured in
the natural convection at TA = 25°C on a four-layer
Richtek
evaluation
board.
The
maximum
power
dissipation at TA = 25°C can be calculated as below:
PD(MAX) = (125°C − 25°C) / (30.1°C/W) = 3.32W for a
UQFN-23L 3x3 (FC) package
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX) and
the thermal resistance,
θJA(EVB). The de-rating curves
in Figure 20 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com