Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 14Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 15Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 16Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 17Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 18Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 19Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 20Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 21Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
18
VIN_UVLO_ON = 4.1V
UVLO OK
PGOOD high
SS OK
VIN
VEN/MODE
VOUT
VPGOOD
VEN/MODE_H = 0.635V
EN/MODE OK
tR = 0.75ms
tSS = 2.3ms
tENDLY
PSM: VEN/MODE 2.3V
USM: VEN/MODE = 0.88V~1.7V
VIN_ULVO_ON AND VEN/MODE_H
Enable SS counter
VCC
VOUT = 3.3V
LDO Bypass Switch
(VOUT to LDO)
10%VOUT
90%VOUT
VCC_EXT = 5V
(External)
VCC = VCC_EXT
VCC Bypass Switch
(VCC_EXT to VCC)
VCC_EXT 4.7V AND SS OK AND UVLO OK AND
EN/MODE OK
VCC Bypass Switch on
VIN to LDO
VIN to VCC
VOUT 3.1V AND SS OK AND UVLO OK AND
EN/MODE OK
LDO Bypass Switch on
VLDO3
VOUT = 3.1V
VOUT to LDO
VCC_EXT to VCC
VLDO3 = VOUT
Note
1. SS (soft-start ): soft-start wit h ramp
Figure 5. Power On Sequence of RT6310B/BH : Ramping Up VIN Followed by VEN/MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com