Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 31Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 32Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 33Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 34Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 35Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 36Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 37Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 38Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
35
Output Voltage vs. Output Current
1.00
1.02
1.04
1.06
1.08
1.10
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 19V
VIN = 12V
VIN = 7.4V
RT6310A/AH/D/DH, L = 0.68
H, VOUT = 1.05V,
EN/MODE = 5V, Diode Emulation Mode
Output Voltage vs. Output Current
3.15
3.20
3.25
3.30
3.35
3.40
3.45
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 19V
VIN = 12V
VIN = 7.4V
RT6310B/BH, L = 1.5
H, VOUT = 3.3V,
EN/MODE = 5V, Diode Emulation Mode
Output Voltage vs. Output Current
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 19V
VIN = 12V
VIN = 7.4V
RT6310C/CH, L = 1.5
H, VOUT = 5.1V,
EN/MODE = 5V, Diode Emulation Mode
VLDO3 vs. ILDO3
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
0
10
20
30
40
50
60
70
80
90
100
ILDO3 (mA)
RT6310B/BH, VIN = 12V, EN/MODE = 0V
VLDO5 vs. ILDO5
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0
10
20
30
40
50
60
70
80
90
100
ILDO5 (mA)
RT6310C/CH, VIN = 12V, EN/MODE = 0V
Quiescent Current vs. Input Voltage
75
80
85
90
95
100
105
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
RT6310A/AH, EN/MODE = 5V, No Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com