Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 35Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 36Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 37Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 38Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 39Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 40Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 41Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 42Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
39
Application Information
Richtek’s component specification does not include the following information in the Application Information section.
Thereby no warranty is given regarding its validity and accuracy. Customers should take responsibility to verify their
own designs and reserve suitable design margin to ensure the functional suitability of their components and systems.
A general RT6310 application circuit is shown in Typical
Application
Circuit
section.
External
component
selection is largely driven by the load requirement. In
this section, the key external components such as the
inductor L, the input capacitor CIN, the output capacitor
COUT, the internal regulator capacitor CVCC, and the
bootstrap capacitor CBOOT are introduced.
Output Voltage Adjust
The RT6310C/CH is internally built with feedback
resistors for setting VOUT voltage to 5.1V. The FF pin is
located between feedback R1 resistor (80k
) and
feedback R2 resistor (40k
). In application, if slightly
decreasing output voltage is needed, the additional
resistor (R3) added between VOUT pin and FF pin
decreases the output voltage. If the output voltage
needs to increase slightly, the additional resistor (R4)
added between FF pin and GND increases the output
voltage. Please refer to the following equation and
Figure 13.
OUT _Valley
REF
REFF
R1//R3
V
= 1 +
V
,
R2//R4
where R1 = 80k , R2 = 40k , V
= 1.7V




FF
VOUT
RT6310C/CH
R3
VOUT
R4
R1
R2
AGND
80k
Ω
40k
Ω
Figure 13. RT6310C/CH Slightly Adjusts VOUT with FF
Pin
Inductor Selection
The inductor selection makes trade-offs among size,
cost, efficiency, and transient response requirements.
Generally, three key inductor parameters are specified
for operation with the device: inductance value (L),
inductor saturation current (ISAT), and DC resistance
(DCR).
A good compromise between size and loss is a 30%
peak-to-
peak ripple current ΔIL to the IC rated current.
The switching frequency, input voltage, output voltage,
and selected inductor ripple current determines the
inductor value as follows :
(
)
OUT
IN
OUT
IN
SW
L
V
V
V
L =
V
f
I
−
 
Larger inductance values result in lower output ripple
voltage and higher efficiency, but a slightly degraded
transient response. Lower inductance values allow for
smaller case size, but the larger ripple current increases
the AC losses in the inductor. To enhance the efficiency,
choose a low-loss inductor having the lowest possible
DC resistance that fits in the allotted dimensions. The
inductor value determines not only the ripple current but
also the load current of boundary between DEM and
CCM.
In the applications, the RT6310 may encounter the
events of power on inrush current (capacitive load or
heavy load) and output overloading. The RT6310
provides the peak and valley current-limit protections to
prevent the device from damages. Moreover, to make
the current-limit protection effective, a saturation current
rating of the inductor must be greater than the valley
current limit of the RT6310.
Input Capacitor Selection
Input capacitance (CIN) is needed to filter the pulsating
current at the drain of the high-side MOSFET. The large
ripple voltage on VIN pin must be minimized by CIN. The
peak-to-peak voltage ripple on input capacitor is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com