Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310C/CH Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT6310C/CH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310C/CH Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6310C/CH Datasheet HTML 7Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 8Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 9Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 10Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 11Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 12Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 13Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 14Page - Richtek Technology Corporation RT6310C/CH Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
11
of regulating voltage, the next one-shot on-time timer is
activated. On the contrary, when the output current
increases from light load to heavy load and inductor
current finally reaches to the continuous conduction, the
switching frequency smoothly increases to preset value.
The boundary load condition between continuous
conduction and discontinuous conduction mode is
shown in Figure 2 and is calculated as follows :
IN
OUT
LOAD
ON
VV
I
=
t
2L
−
where ILOAD is the output loading current and tON is the
on-time
t
IL
Slope = (VIN - VOUT) / L
IPEAK
ILOAD = IPEAK / 2
tON
Figure 2. Boundary Condition of CCM/DEM
As mentioned above, diode emulation mode features
natural high efficiency in the light-load conditions. In
DEM operation (assuming that the coil resistance
remains fixed), low inductor value has high efficiency
and high output voltage ripple. However, high inductor
value features low efficiency and less output voltage
ripple. The drawback of using high inductor value
includes larger physical size and lower load transient
response (especially at low input voltage level).
Ultrasonic Mode (USM)
The RT6310A/AH/B/BH/C/CH activates a unique type
of diode emulation mode with a minimum switching
frequency of 25kHz, called ultrasonic mode. The
acoustic frequency is avoided in ultrasonic mode.
Ultrasonic mode is selected by the EN/MODE voltage
level. If EN/MODE voltage ranges from 0.88V to 1.7V,
the device operates in ultrasonic mode.
When the internal 25kHz oscillator is triggered, the one-
shot on-time timer is activated for turning on high-side
MOSFET.
Once
the
one-shot
on-time
timer
is
completed, the low-side MOSFET is turned on with off-
time timer. After the one-shot on-time timer and off-time
timer are finished, the device keeps both high-side and
low-side MOSFET off and waits for next trigger.
In order to regulate output voltage with 25kHz minimum
switching frequency, the one-shot on-time timer and off-
time timer are adjusted based on load condition. In no-
load condition, the shorter one-shot on-time timer and
longer off-time timer are applied as initial value. In this
manner, the inductor current decreases to negative
value during the off-time state. When the output current
slowly increases from no load, the valley point of
inductor current is increased by reducing the width of
off-time timer until the inductor valley point reaches from
negative value to zero. In previous load condition, if the
output current is further increased, the width of on-time
timer is gradually increased from shorter value to
normal value before the switching frequency is higher
than 25kHz. Once the switching frequency is higher
than 25kHz with increasing output current, the behavior
of device is changed from ultrasonic mode to diode
emulation mode.
On-Time Reduction Function for DEM
In normal diode emulation mode, the output voltage
ripple of converter is proportional to on-time and
inversely proportional to load current. In order to have
smaller voltage ripple in light-load applications, the
RT6310 provides a smart reduction on-time function.
The
smart
reduction
on-time
function
naturally
decreases on-time when load current is decreasing.
Therefore, the output voltage ripple is reduced.
Spread Spectrum Function for DEM
In order to reduce the acoustic noise in diode emulation
mode, RT6310 provides spread spectrum function with
randomly adjusted on-time. The random variation value
is
7% of normal on-time value. Once the load condition
enters to CCM, the device disables the spread spectrum
function because switching frequency is much higher
than acoustic frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com