Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 14 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 14 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 13Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 14Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 15Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 16Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 17Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 18Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
14
Register #14: FIR Rolloff
(default = 8’b00000001)
[7:1]: RESERVED
[0]: FIR ROLLOFF SPEED
1’b0 = Slow Rolloff
1’b1 = Fast Rolloff
Register #15: Mode Control 4
(default = 8’b0000000)
[7:0]: RESERVED
Register #16: VOLUME_CONFIG
(default = 8’b01111000)
[7]: CHANNEL MAPPING
1’b0 = 8 Channels
1’b1 = 2 Channels
[6:4]: RESERVED
[3]: AUTOMUTE LOOPBACK
1’b0 => Auto-mute condition will not reduce volume to –infinity
1’b1 => Auto-mute condition will reduce volume to –infinity
[2:0]: VOL_RAMP_RATE (Time = 8192/(2vrr x fs)
3'b000 => Time = 8192/(fs)
3'b001 => Time = 4096/(fs)
3'b010 => Time = 2048/(fs)
3'b011 => Time = 1024/(fs)
3'b100 => Time = 512/(fs)
3'b101 => Time = 256/(fs)
3'b110 => Time = 128/(fs)
3'b111 => Time = 64/(fs)
Register #17: Mode Control 4
(default = 8’b00001110)
[7:4]: Reserved
[3:2]: Input_select
2'b00 =>serial
2'b01 =>DSD
2'b10 => auto detect
2'b11 => auto detect (default)
[1]: dpll_bw_128x
1'b1 => Multiply the DPLL BANDWIDTH setting by 128.
1'b0 => Use the DPLL BANDWIDTH setting.
[0]: spfi_auto_deemph
1'b1: Automatically enable the de-emphasis filters depending on the channel status bits
1’b0: Do not automatically enable the de-emphasis filters depending on the channel status bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com