Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 4Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 5Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
8
AUTOMUTE
AUTOMUTE is used to achieve the absolute maximum signal-to-noise ratio on an idle channel.
o
In PCM serial mode, AUTOMUTE will become active once the audio data is continuously below the threshold set by
<Register Automute_lev>, for a length of time defined by 2096896/(<Register#9> x DATA_CLK) Seconds.
o
In SPDIF mode, the AUTOMUTE will become active once the audio data is continuously below the threshold set by
<Register Automute_lev>, for a length of time defined by 2096896/(<Register#9> x (64 x fs) Seconds, where fs is the
SPDIF sampling rate.
o
In the DSD Mode, AUTOMUTE will become active when
any 8 consecutive values in the DSD stream have as many 1’s
and 0’s for a length of time defined by 2096896/(<Register Automute_time> x DATA_CLK) Seconds. The following table
summarizes the conditions.
Mode
Detection Condition
Time
PCM
Data is continuously lower than
<Register Automute_lev >
2096896/(<Register Automute_time > x DATA_CLK)
SPDIF
Data is continuously lower than
<Register Automute_lev >
2096896/(<Register Automute_time > x (64 x fs))
where fs is the SPDIF sampling rate
DSD
Equal number of 1s and 0s in every 8
bits of data
2096896/(<Register Automute_time > x DATA_CLK)
Table5
De-emphasis
The de-emphasis feature is included for audio data that has utilized the 50/15µs pre-emphasis for noise reduction. There are
three de-emphasis filters, one for 32kHz, one for 44.1kHz, and one for 48kHz.
Volume Control
Each output channel has its own attenuation circuit. The attenuation for each channel is controlled independently. Each
channel can be attenuated from 0dB to
–127dB in 0.5dB steps.
Each 0.5dB step transition takes 64 intermediate levels. The result being that the level changes are done using small enough
steps so that no switching noise occurs during the transition of the volume control. When a new volume level is set, the
attenuation circuit will ramp softly to the new level.
Master Trim
Themaster trim sets the 0dB reference level for the volume control of each DAC. The master trim is programmable via
registers 24-27 and is a 32-bit signed number. Therefore it should never exceed 32'h7FFFFFFF (as this is full-scale signed).
PCM Audio Interface Formats
Several interface formats are provided so that direct connection to common audio processors is possible. The available
formats and their accompanying diagrams are listed in the following table. The audio interface format can be set by
programming the registers.
Format
Description
Figure
0
MSB First, Left Justified, up to 24-bit data
1A
1
I2S, up to 24-bit data
2A
2
MSB First, Right Justified, 24-bit data
3A
3
MSB First, Right Justified, 20-bit data
3B
4
MSB First, Right Justified, 16-bit data
3C
5
DSD Normal Mode
4A
6
DSD Phase Mode
4B
Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com