Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 13 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 13 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 13Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 14Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 15Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 16Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
May 4, 2020
CONFIDENTIAL INFORMATION Rev. 1.2
SABRE9006A Datasheet
13
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Register #10: Mode Control 1
(default = 8’b00000110)
Default is 24-bit,I2S,NO-DEEMP,UNMUTE.
[7:6]: 24-/20-/16-Bit for Serial Data Modes.
2’b00 = 24-Bit
2’b01 = 20-Bit
2’b10 = 16-Bit
2’b11 = 24-Bit
[5:4]: LJ/I2S/RJ Serial Data Modes.
2’b00 = I2S
2’b01 = LJ
2’b10 = RJ
2’b11 = I2S
[3]: RESERVED
[2]: JITTER_REDUCTION_ENABLE.
1’b0 = Bypass and stop JITTER_REDUCTION.
1’b1 = Use JITTER_REDUCTION.
[1]: BYPASS_DEEMPHASIS FILTER
1’b0 = Use De-emphasize Filter
1’b1 = Bypass De-emphasis Filter
[0]: MUTE DACS
1’b0 = Unmute All DACs
1’b1 = Mute All DACs
Register #11: Mode Control 2
(default = 8’b00000101)
[7:5]: RESERVED.
[4:2]: DPLL BANDWIDTH
3’b000 => No Bandwidth
3’b001 => Lowest Bandwidth
3’b010 => Low Bandwidth
3’b011 => Med-Low Bandwidth
3’b100 => Medium Bandwidth
3’b101 => Med-High Bandwidth
3’b110 => High Bandwidth
3’b111 => Highest Bandwidth
[1:0]: DE-EMPHASIS DELECT
2’b00 = 32kHz
2’b01 = 44.1kHz
2’b10 = 48kHz
2’b11 = RESERVED
Register #12: Mode Control 3
(default = 8’b00000000)
[7:0]: RESERVED
Register #13: RESERVED
(default = 8’b00000000)
[7:0]: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com