Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 16Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 17Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 18Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 19Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 20Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 21Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 22Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 23Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
20
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Storage temperature
–65
C to +105C
Voltage range for 5V tolerant pins
–0.5V to +5.5V
Voltage range for all other pins
–0.5V to (DVCC_T+0.5V) or
–0.5V to (DVCC_B+0.5V)
WARNING:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating temperature
TA
0
C to 70C
Θjmax
TjMax
125
C
θja
Tja
60
C/W
θjc
Tjc
17
C/W
Digital core supply voltage
VDD
1.2V
 5%, 23mA nominal (Note 1)
Digital power supply voltage
DVCC_T, DVCC_B
3.3V
 5%, 9mA nominal (Note 1)
Analog power supply voltage
AVCC_L, AVCC_R
3.3V
 5%, 16mA nominal (Note 1)
Note
1) fs =48kHz, MCLK=40MHz, I2S input, output unloaded
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN
MAX
UNIT
COMMENTS
VIH
High-level input voltage
2.0
DVCC_T or
DVCC_B
V
All inputs TTL levels except
CLK and 5V tolerant input pins
2.0
5.5
V
All 5V tolerant inputs
VIL
Low-level input voltage
–0.3
0.8
V
All input TTL levels except CLK
VCLKH
CLK high-level input
2.0
DVCC_B+0.25
V
TTL level input
VCLKL
CLK low-level input
–0.3
0.8
V
VOH
High-level output voltage
3.0
V
IOH = 1mA
VOL
Low-level-output voltage
0.45
V
IOL =4mA
ILI
Input leakage current
15
A
ILO
Output leakage current
15
CIN
Input capacitance
10
pF
fc = 1MHz
CO
Input/output capacitance
12
CCLK
CLK capacitance
20
pF
fc = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com