Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 5 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 5 Page - ESS Technology,Inc

  SABRE9006AS Datasheet HTML 1Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 2Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 3Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 4Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 5Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
May 4, 2020
CONFIDENTIAL INFORMATION Rev. 1.2
SABRE9006A Datasheet
5
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
PIN DESCRIPTIONS
Pin
Name
I/O
Description
1
DAC1
O
Differential Positive Analog Output 1
2
DAC1B
O
Differential Negative Analog Output 1
3
DAC3B
O
Differential Negative Analog Output 3
4
DAC3
O
Differential Positive Analog Output 3
5
GND
-
Ground (Analog)
6
AVCC_L
-
Analog Power (+3.3V) for Left channels
7
RESET
I
Global Reset (Active high)
8
GND
-
Ground (Digital or Analog)
9
DAC5
O
Differential Positive Analog Output 5
10
DAC5B
O
Differential Negative Analog Output 5
11
DAC7B
O
Differential Negative Analog Output 7
12
DAC7
O
Differential Positive Analog Output 7
13
NC
-
No internal connection. May be grounded or connected
to VDD if desired
14
AVCC_L
-
Analog Power (+3.3V) for Left channels
15
GND
-
Ground (Analog)
16
SDA
I/O
I2C Serial Data I/O
17
SCL
I
I2C Serial Clock Input
18
XO
O
Xtal oscillator output
19
XI (MCLK)
I
Xtal oscillator input (Note: can also just be a clock input)
20
DVCC_B
-
Digital Power (+3.3V) for bottom pad ring of chip
21
VDD
-
Digital Power (+1.2V) for core of chip
22
GND
-
Ground (Digital)
23
GND
-
Ground (Analog)
24
AVCC_R
-
Analog Power (+3.3V) for Right channels
25
NC
-
No internal connection. May be grounded or connected
to VDD if desired.
26
DAC8
O
Differential Positive Analog Output 8
27
DAC8B
O
Differential Negative Analog Output 8
28
DAC6B
O
Differential Negative Analog Output 6
29
DAC6
O
Differential Positive Analog Output 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com