Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 29 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 29 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 21Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 22Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 23Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 24Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 25Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 26Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 27Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 28Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 29Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
May 4, 2020
CONFIDENTIAL INFORMATION Rev. 1.2
SABRE9006A Datasheet
29
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
ORDERING INFORMATION
Part Number
Description
Package
SABRE9006AS
Sabre Premier 8-channel Audio DAC
48-pin LQFP
The letter S at the end of the part number identifies the package type LQFP
Revision History
Revision
Date
Notes
0.1
May 20 2014
Initial version
0.2
July 22, 2014
Updated ESS’ FAX number.Added medical usage legal disclaimer.
Page 17, corrected polarity of U2 on differential current mode circuit
0.3
August 20, 2014
Pins 13 & 25 changed from VDD to NC. Pins 21 & 47 remain as VDD pins
0.4
September 16, 2014
Updated DAC output resistance from 781.25
 to 83411%
0.5
January 22, 2015
Updated formatting and corrected typos.
0.6
April 14, 2015
Corrected formulae in Analog Performance Table.
Updated ESS’ address and phone number.
0.61
April 30, 2015
Updated the product overview on cover page.
0.7
May 26, 2015
Corrected Master Trim register addresses.
Added programmable FIR function.
0.71
May 27, 2015
Added note that pins 13 & 25 can be connected to VDD or GND if desired.
0.8
February 18, 2016
Corrected typical differential output current range from 3.903 mAp-p to
3.656 mAp-p
0.9
November 28, 2017
Remove ESS logo from pin diagram
1.0
January 15, 2019
Added Tja and Tjc values for recommended operation conditions.
1.1
September 12, 2019
Changed Hyperstream
™ to Hyperstream®
1.2
May 4, 2020
Update register 16: volume config
ESS IC's are not intended, authorized, or warranted for use as components in military applications, medical devices or life support systems. ESS
assumes no liability whatsoever and disclaims any expressed, implied or statutory warranty for use of ESS IC's in such unsuitable applications.
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic,
ESS IC's are not intended, authorized, or warranted for use as components in military applications, medical devices or life support systems.ESS
assumes no liability whatsoever and disclaims any expressed, implied or statutory warranty for use of ESS IC's in such unsuitable applications.
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic,
mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations
or warranties regarding the content of this document.All specifications are subject to change without prior notice. ESS Technology, Inc. assumes no
responsibility for any errors contained herein.U.S.patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com