Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 3Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 4Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 5Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
May 4, 2020
CONFIDENTIAL INFORMATION Rev. 1.2
SABRE9006A Datasheet
7
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
FUNCTIONAL DESCRIPTION
NOTATATIONS for Sampling Rates
Mode
fs
DSD
DATA_CLK/64
Serial (PCM) Normal Mode
DATA_CLK/64
SPDIF
SPDIF Sampling Rate
PCM, SPDIF and DSD Pin Connections
The following tables show how the pins are used for PCM and DSD audio formats.
PCM Audio Format
Note: XI clock (MCLK) must be > 192 x fs when using PCM input (normal mode)
Pin Name
Description
DATA1
Frame clock
DATA[2:5]
8-channel PCM serial data
DATA_CLK
Bit clock for PCM audio format
Table 2
SPDIF Audio Formant
Note: XI clock (MCLK) must be > 386 x fs when using SPDIF input
Pin Name
Description
DATA1
SPDIF input
Table 3
DSD Audio Format
Note: XI clock (MCLK) must be > 192 x fs when using DSD input
Pin Name
Description
DATA[1:8]
8-channel DSD data input
DATA_CLK
Bit clock for DSD data input
Table 4
Feature Description
Soft Mute
When Mute is asserted the output signal will ramp to the
–
 level. When Mute is reset the attenuation level will ramp back up
to the previous level set by the volume control register. Asserting Mute will not change the value of the volume control
register. The total time is 8192/(2<Register#16[2:0]>x fs) seconds, where fs = DATA_CLK/64 in PCM serial or DSD modes, or
SPDIF sampling rate in SPDIF mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com