Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 13Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 14Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 15Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
12
Register Settings:
Register #0: Volume of DAC0
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #1: Volume of DAC1
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #2: Volume of DAC2
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #3: Volume of DAC3
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #4: Volume of DAC4
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #5: Volume of DAC5
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #6: Volume of DAC6
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #7: Volume of DAC7
(default = 8’d0)
Volume in dBs = -REG_VALUE/2
Register #8: Automute_lev
(default = 1’b0,7’d104)
[7]: SPDIF_ENABLE.
1’b0 = Use either I2S or DSD input
1’b1 = Use SPDIF input
[6:0]: Auto-mute trigger point in dB = -REG_VALUE
Register #9: Automute_time
(default = 8’d4)
Larger REG_VALUE = less time.
Smaller REG_VAULE = longer time.
Time in Seconds = 2096896/(REG_VALUE x DATA_CLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com