Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 13Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 14Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
10
Audio Interface Formats
Several interface formats are provided so that direct connection to common audio processors is possible. The available
formats are shown in the following diagrams. The audio interface format can be set by programming the registers.
23 22 21
2
1
0
23 22 21
2
1
0
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
23 22
MSB
19 18
MSB
15 14
MSB
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 1A
FIGURE 1A
FIGURE 1A
LEFT JUSTIFIED FORMAT
23 22 21
2
1
0
23 22 21
2
1
0
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 2A
FIGURE 2A
FIGURE 2A
RIGHT JUSTIFIED FORMAT
23 22 21
2
1
0
23 22 21
2
1
0
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
23 22
MSB
19 18
MSB
15 14
MSB
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 3A
FIGURE 3A
FIGURE 3A
I2S FORMAT
D..
D0
D1
D2
D3
D4
D1
D2
DCLK
FIGURE 4A
D..
D0
D1
D2
D3
D4
D1
D2
DCLK
FIGURE 4B
D..
D0
D1
D2
D3
D4
DSD NORMAL MODE
DSD PHASE MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com