Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 6 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 6 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 2Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 3Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 4Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 5Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
6
PIN DESCRIPTIONS (continued)
Pin
Name
I/O
Description
30
ADDR
I
Chip Address Select
31
AVCC_R
-
Analog Power (+3.3V) for Right channels
32
GND
-
Ground (Analog)
33
DAC4
O
Differential Positive Analog Output 4
34
DAC4B
O
Differential Negative Analog Output 4
35
DAC2B
O
Differential Negative Analog Output 2
36
DAC2
O
Differential Positive Analog Output 2
37
GND
-
Ground (Digital)
38
DATA8
I
DSD Data8
39
DATA7
I
DSD Data7
40
DATA6
I
DSD Data6
41
DATA5
I
DSD Data5 OR PCM Data CH7/CH8
42
DATA4
I
DSD Data4 OR PCM Data CH5/CH6
43
DATA3
I
DSD Data3 OR PCM Data CH3/CH4
44
DATA2
I
DSD Data2 OR PCM Data CH1/CH2
45
DATA1
I
DSD Data1 OR PCM Frame Clock OR SPDIF Input
46
DATA_CLK
I
PCM Bit Clock OR DSD Bit Clock
47
VDD
-
Digital Power (+1.2V) for core of chip
48
DVCC_T
-
Digital Power (+3.3V) for top pad ring of chip
Table 1
5V Tolerant Pins
The following pins are 5V tolerant:
•
DATA_CLK
•
DATA 1-8
•
SCL
•
SDA
•
RESET
•
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com