Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 10Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 11Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 13Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 14Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
May 4, 2020
CONFIDENTIAL INFORMATION Rev. 1.2
SABRE9006A Datasheet
11
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
System Clock (XI / MCLK)
A system clock is required for proper operation of the digital filters and modulation circuitry.
The system clock must be greater than 192 x fs for SERIAL/DSD inputs, or greater than 386 x fs for SPDIF input.
Data Type
Valid MCLK Frequencies
DSD Data
50MHz > MCLK > 192 x fs , fs = 2.8224MHz/64
Serial Mode
50MHz > MCLK > 192 x fs
SPDIF Data
50MHz > MCLK > 386 x fs
Data Clock
This must be 64 x fs for SERIAL / DSD modes, and is not required for SPDIF mode.
Digital Filters
There are numerous applications for a stereo DAC so for added flexibility; two digital filter settings are possible, sharp roll-off
and a slow roll-off for PCM mode. For DSD mode, there is 1 available filter with cutoff at 50kHz.
Serial Control Interface
The registers inside the chip are programmed via an I2C interface. The diagram below shows the timing for this interface.
The chip address c
an be set to 2 different settings via the “ADDR” pin. The table below summarizes this.
ADDR
CHIP ADDRESS
0
0x90
1
0x92
Table 7
Diagram 1
Notes:
1.
The “ADDR” pin is used to create the CHIP ADDRESS. (0x90, 0x92)
2.
The first byte
after the chip address is the “ADDRESS” this is the register address.
3.
The second byte after the CHIP ADDRESS
is the “DATA” this is the data to be programmed into the register at the
previous “ADDRESS”.
4.
Compatible with I2C-bus specification version 2.1 Standard-mode/Fast-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com