Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE9006AS Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 1 Page - ESS Technology,Inc

  SABRE9006AS Datasheet HTML 1Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 2Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 3Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 4Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 5Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CONFIDENTIAL INFORMATION
Analog Reinvented
SABRE9006A
Premier
8-Channel Audio DAC
Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
FEATURE
DESCRIPTION
PatentedHyperStream®Architecture
o
DNR: +120dB
o
THD+N:
–102dB
o
Unprecedented dynamic range and low distortion allowing
true reproduction of audio as it is mastered at the recording
studio
Patented Time Domain Jitter Reduction
o
Unmatched audio clarity free from input clock jitter allowing
simple system design and layout
51-bit Accumulator and 28-bit Processing
o
Distortion free signal processing
Auto-detect PCM/DSD Converter
o
Universal (e.g. DVD/SACD) audio playback
8-channel DAC in 48-LQFP
o
Reduces PCB footprint and simplifies board layout
Low power (100mW for 8 channels)
o
Simplifies power supply design
Universal Digital Input
o
All-digital SPDIF, PCM (I2S, MSB/LSB justified 16-, 20- or
24-bit) or DSD input
Integrated DSP functions
o
Click-free soft mute and volume control
o
Programmable filter characteristics for PCM/DSD
o
Programmable Zero detect
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
APPLICATIONS
• Blu-ray players
• SACD / DVD-Audio players
• Audio receivers
• Home theater receivers
• Professional audio equipment
OVERVIEW
The Sabre Premier (SABRE9006A) High Performance Audio DAC is a 24-Bit, 8-channel audio DAC that
brings professional, digital audio quality to the consumer home entertainment market. The SABRE9006A is
a pin-compatible replacement for the ES9006 and offers significantly improved linearity versus the ES9006.
Using ESS’ patented HyperStream® architecture and patented Time Domain Jitter Eliminator, the Sabre
Premier Audio DAC delivers studio quality audio with 120dB DNR and
–102dB THD+N to digital audio
applications such as Blu-ray, SACD, DVD-Audio, DVD, CD, home theatre, set top boxes and digital TV.
The Sabre Premie
r’s flexible input architecture accepts serial 16-24 bit serial PCM data to 192kHz sample
rate, 16-24 bit SPDIF data up to 96kHz sampling rate, or DSD data supporting native SACD audio.
The Sabre Premier DAC sets a new standard for high-quality audio performance in a cost-effective, compact,
easy to
use form factor for today’s most demanding digital audio applications.


Similar Part No. - SABRE9006AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I Datasheet
152Kb / 8P
Combo motor driver
03-May-2007
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I Datasheet
1Mb / 141P
Combo motor driver
14-Nov-2007
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I_07 Datasheet
1Mb / 141P
Combo motor driver
14-Nov-2007
logo
rfsolutions.ltd
SABRESKEET-S3 RFSOLUTIONS-SABRESKEET-S3 Datasheet
2Mb / 7P
SABRE Trap Control
SABRETRAP RFSOLUTIONS-SABRETRAP Datasheet
2Mb / 7P
SABRE Trap Control
More results

Similar Description - SABRE9006AS

ManufacturerPart #DatasheetDescription
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
USB Audio DAC
logo
Synaptics Incorporated.
CX25824 CONEXANT-CX25824 Datasheet
2Mb / 2P
4-Channel Video/Audio Decoder with Integrated Audio DAC
CX25828 CONEXANT-CX25828 Datasheet
2Mb / 2P
8-Channel Video/Audio Decoder with Integrated Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com