Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 29 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 29 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 25Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 26Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 27Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 28Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 29Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 30Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 31Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 32Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
20
•
Data—The 16-bits read from or written to the device are considered the data or data stream. When
data is read from a PHY, it is valid at the output from one rising edge of MDC to the next rising edge
of MDC. When data is written to the PHY, it must be valid around the rising edge of MDC.
•
Idle—The sequence is repeated.
3.10.2
SMI Interrupt
The SMI includes an interrupt signal, MDINT, for signaling the station manager when certain events occur
in the VSC8541-02 device.
When a PHY generates an interrupt, the MDINT pin is asserted by driving low if the interrupt pin enable
bit (register 25.15) is set. The MDINT pin is configured for open-drain (active-low) operation. Tie the pin
to a pull-up resistor to VDDMDIO. The following illustration shows the configuration.
Figure 16 •
MDINT Configured as an Open-Drain (Active-Low) Pin
3.11
LED Interface
The LED interface supports direct drive and basic serial LED mode configuration. The polarity of the LED
outputs is programmable and can be changed using register 17E2, bits 13:10. The default polarity is
active low.
Direct drive mode provides two LED signals, LED0 and LED1. The mode and function of each LED
signal can be configured independently.
In basic serial LED mode, all signals that can be displayed on LEDs are sent as LED_Data and
LED_CLK for external processing.
The following table shows the bit 9 settings for register 14G that are used to control the LED behavior for
all the LEDs in the VSC8541-02 device.
3.11.1
LED Modes
Each LED pin can be configured to display different status information that can be selected by setting the
LED mode in register 29. The default LED state is active low and can be changed by modifying the value
in register 17E2, bits 13:10. The blink/pulse stretch is dependent on the LED behavior setting in register
30.
Table 13 •
LED Drive State
Setting
Active
Not Active
14G.9 = 1 (default)
Ground
Tristate
14G.9 = 0 (alternate setting) Ground
VDD
MDINT
(to the Station
Manager)
Interrupt Pin Enable
(Register 25.15)
Interrupt Pin Status
(Register 26.15)
External Pull-up
Resistor at the
Station Manager
VDDMDIO
PHY_n
MDINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com