Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 41 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 41 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 37Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 38Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 39Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 40Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 41Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 42Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 43Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 44Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
32
4.2.2
Mode Status
The register at address 1 in the device main registers space enables reading the currently enabled mode
setting. The following table shows possible readouts of this register.
4.2.3
Device Identification
All 16 bits in both register 2 and register 3 in the VSC8541-02 device are used to provide information
associated with aspects of the device identification. The following tables list the expected readouts.
1.
Before selecting the 1000 Mbps forced speed mode, manually configure the PHY as master or slave by setting bit 11 in register
9 (1000BASE-T Control) and MDI or MDIX by setting bits 3:2 in register 19E1 (Extended Mode Control).
Table 22 •
Mode Status, Address 1 (0x01)
Bit Name
Access Description
Default
15
100BASE-T4 capability
RO
1: 100BASE-T4 capable.
0
14
100BASE-TX FDX capability RO
1: 100BASE-TX FDX capable.
1
13
100BASE-TX HDX capability RO
1: 100BASE-TX HDX capable.
1
12
10BASE-T FDX capability
RO
1: 10BASE-T FDX capable.
1
11
10BASE-T HDX capability
RO
1: 10BASE-T HDX capable.
1
10
100BASE-T2 FDX capability RO
1: 100BASE-T2 FDX capable.
0
9
100BASE-T2 HDX capability RO
1: 100BASE-T2 HDX capable.
0
8
Extended status enable
RO
1: Extended status information present in register 15. 1
7
Reserved
RO
Reserved.
6
Preamble suppression
capability
RO
1: MF preamble can be suppressed.
0: MF required.
1
5
Autonegotiation complete
RO
1: Auto-negotiation complete.
0
4
Remote fault
RO
Latches high.
1: Far-end fault detected.
0
3
Autonegotiation capability
RO
1: Auto-negotiation capable.
1
2
Link status
RO
Latches low.
1: Link is up.
0
1
Jabber detect
RO
Latches high.
1: Jabber condition detected.
0
0
Extended capability
RO
1: Extended register capable.
1
Table 23 •
Identifier 1, Address 2 (0x02)
Bit
Name
Access Description
Default
15:0 Organizationally unique identifier (OUI) RO
OUI most significant bits (3:18)
0×0007
Table 24 •
Identifier 2, Address 3 (0x03)
Bit
Name
Access Description
Default
15:10 OUI
RO
OUI least significant bits (19:24)
000001
9:4
Microsemi model number
RO
VSC8541-02
110111
3:0
Device revision number
RO
Revision C
0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com