Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 90 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 90 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 86Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 87Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 88Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 89Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 90Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 91Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 92Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 93Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 101 page
background image
Pin Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
81
Functional Group Name
Number Type
I/O
Domain
Description
Cu PHY Media
P0_D0N
12
ADIFF VDD25A
Tx/Rx channel A negative signal
Cu PHY Media
P0_D0P
13
ADIFF VDD25A
Tx/Rx channel A positive signal
Cu PHY Media
P0_D1N
9
ADIFF VDD25A
Tx/Rx channel B negative signal
Cu PHY Media
P0_D1P
10
ADIFF VDD25A
Tx/Rx channel B positive signal
Cu PHY Media
P0_D2N
6
ADIFF VDD25A
Tx/Rx channel C negative signal
Cu PHY Media
P0_D2P
7
ADIFF VDD25A
Tx/Rx channel C positive signal
Cu PHY Media
P0_D3N
3
ADIFF VDD25A
Tx/Rx channel D negative signal
Cu PHY Media
P0_D3P
4
ADIFF VDD25A
Tx/Rx channel D positive signal
Miscellaneous
REF_FILT
67
A
VDD25A
Reference filter connects to an external
0.01 uF (20%) capacitor to analog ground
Miscellaneous
REF_REXT
1
A
VDD25A
Reference connects to an external 2k Ω
(1%) resistor to analog ground
Miscellaneous
RESERVED_0
66
VDD25A
Reserved signal, leave unconnected
Miscellaneous
RESERVED_1
65
VDD25A
Reserved signal, leave unconnected
Miscellaneous
THERMDA
15
A
VDD25A
Thermal Diode Anode
Miscellaneous
THERMDC_VSS
16
A
VDD25A
Thermal Diode Cathode connected to
device ground. Temperature sensor must
be chosen accordingly.
PHY Configuration CLK_SQUELCH_IN 57
I, PD
VDDIO
Input control to squelch recovered clock
PHY Configuration CLKOUT
54
I/O, PD VDDIO
Clock output, can be enabled or disabled.
Output a clock based on the local
reference clock with programmable
frequency. This pin is not active when
NRESET is asserted and is disabled by
default. When disabled, the pin is held low.
The logic state on this pin is latched on the
rising edge of NRESET to configure
CLKOUT output. See "Hardware Mode
Strapping and PHY Addressing" for details.
PHY Configuration COMA_MODE
56
I/O, PU VDDIO
When this pin is asserted high, PHY is held
in a powered down state. When de-
asserted low, PHY is powered up and
resumes normal operation. This signal is
also used to synchronize the operation of
multiple chips on the same PCB to provide
visual synchronization for LEDs driven by
separate chips.
PHY Configuration FASTLINK_FAIL
52
O
VDDIO
Fast link failure indication signal
PHY Configuration LED0
60
O
VDDIO
LED direct drive outputs. All LED pins are
active low. LED_DATA output in serial LED
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com