Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 13 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 13 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 9Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 10Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 11Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 12Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 13Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 14Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 15Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 16Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
4
3
Functional Descriptions
This section describes the functional aspects of the VSC8541-02 device, including available
configurations, operational features, and testing functionality. It also defines the device setup parameters
that configure the device for a particular application.
3.1
Operating Modes
The following table lists the operating modes of the VSC8541-02 device.
3.2
MAC Interface
The VSC8541-02 device supports RMII version 1.2, RGMII versions 1.3 and 2.0, and GMII/MII MAC
interfaces at 1.5 V, 1.8 V, 2.5 V, and 3.3 V operating voltages. In order to help reduce EMI, the VSC8541-
02 device also includes edge rate programmability for the MAC interface signals through register
27E2.7:5.
The recommended values for RS (as shown in Figure 3, page 5, Figure 4, page 5, Figure 6, page 7, and
Figure 7, page 7) are listed in the following table.
Refer to the MAC datasheet for the value to use for RT.
3.2.1
RGMII MAC Interface Mode
The VSC8541-02 device supports RGMII versions 1.3 and 2.0 (without HSTL modes). The RGMII
interface supports all three speeds (10 Mbps, 100 Mbps, and 1000 Mbps) and is used as an interface to
a RGMII-compatible MAC. The device is compliant with the RGMII interface specification when
VDDMAC is operating at 2.5 V. While the RGMII specification only specifies operation at 2.5 V, the
device can also support the RGMII interface at 1.5 V, 1.8 V, and 3.3 V.
Table 1 •
Operating Modes
Operating Mode
Supported Media
RGMII-Cat5
10/100/1000BASE-T
GMII-Cat5
10/100/1000BASE-T
RMII-Cat5
10/100BASE-T
Table 2 •
Recommended Values for RS (± 5%)
VDDMAC Value
RS Value
1.5 V
27
Ω
1.8 V
33
Ω
2.5 V
39
Ω
3.3 V
39
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com