Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 32 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 32 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 28Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 29Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 30Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 31Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 32Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 33Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 34Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 35Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
23
activity is either transmitted by the PHY or received by the link partner. When disabled, the combine
feature only provides the status of the selected primary function. In this example, only Link1000 asserts
the LED, and the secondary mode, Activity, does not display when the combine feature is disabled.
3.11.4.2 LED Blink or Pulse-Stretch
This behavior is available for LED mode 9 (collision) and LED mode 10 (activity) indications only, and can
be uniquely configured for each LED pin. For more information, see Table 14, page 21. Activity and
collision events can occur randomly and intermittently throughout the link-up period. Blink is a 50% duty
cycle oscillation of asserting and de-asserting an LED pin. Pulse-stretch ensures that an LED is asserted
and de-asserted for a specific period of time when activity is either present or not present. These rates
can also be configured using a register setting.
3.11.4.3 Rate of LED Blink or Pulse-Stretch
This behavior controls the LED blink rate or pulse-stretch length when blink/pulse-stretch is enabled on a
LED pin. The blink rate, which alternates between a high and low voltage level at a 50% duty cycle, can
be set to 2.5 Hz, 5 Hz, 10 Hz, or 20 Hz. For pulse-stretch, the rate can be set to 50 ms, 100 ms, 200 ms,
or 400 ms.
3.11.4.4 LED Pulsing Enable
To provide additional power savings, the LEDs (when asserted) can be pulsed at 5 kHz programmable
duty cycle. The pulsing enable is controlled through register 30, bit 12 and the duty cycle through register
25G, bits 15:8.
3.11.4.5 LED Blink After Reset
The LEDs will blink for one second after COMA_MODE is deasserted (as described in Configuration,
page 27) or a software reset is applied. This feature can be enabled by setting register 19E1, bit 11 = 1.
3.11.4.6 Pulse Programmable Control
These bits add the ability to width and frequency of LED pulses. This feature facilitates power reduction
options.
3.11.4.7 Fast Link Failure
For more information about this feature, see Fast Link Failure Indication, page 24.
3.12
Wake-On-LAN and SecureOn
The VSC8541-02 device supports Wake-on-LAN, an Ethernet networking standard to awaken hosts by
using a “magic packet” that is decoded to ascertain the source, and then assert an interrupt pin or a LED.
The VSC8541-02 device also supports SecureOn to secure Wake-on-LAN against unauthorized access.
The following illustration shows an overview of the Wake-on-LAN functionality.
Figure 17 •
Wake-on-LAN Functionality
Tx Path
Rx Path
Wake-on-LAN
Detect
WOL_MAC_ADDR
ADDR_REPEAT_CNT
Secure-On enable
Secure-On
password length
Secure-On password
WoL Detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com