Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 68 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 68 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 64Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 65Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 66Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 67Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 68Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 69Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 70Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 71Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
59
4.5.3
Fast Link Configuration
Register 19G in the GPIO register space controls the selection of the source PHY for the fast link failure
indication. The following table shows the settings available for the FASTLINK_FAIL pin.
4.5.4
Recovered Clock Control
Register 23G in the extended register space controls the functionality of the recovered clock output
signal.
Table 74 •
MAC Configuration and Fast Link Register, Address 19G (0x13)
Bit
Name
Access Description
Default
15:4
Reserved
RO
Reserved.
3:0
Fast link failure setting
R/W
0000: Fast link failure pin enabled.
0001–1110: Reserved.
1111: Output disabled.
0000
Table 75 •
Recovered Clock Control, Address 23G (0x17)
Bit
Name
Access Description
Default
15
Enable RCVRD_CLK
R/W
1: Enable recovered clock output.
0: Disable recovered clock output.
0
14:11
Reserved
RO
Reserved.
10:8
Clock frequency select R/W
Select output clock frequency.
000: 25 MHz output clock.
001: 125 MHz output clock.
010: 31.25 MHz output clock.
011–111: Reserved.
000
7:6
Reserved
RO
Reserved.
5:4
Clock squelch level
R/W
Select clock squelch level.
00: Automatically squelch clock to low when the link is not up, is
unstable, is up in a mode that does not support the generation
of a recovered clock (1000BASE-T master or 10BASE-T), or is
up in EEE mode (100BASE-TX or 1000BASE-T slave).
01: Same as 00 except that the clock is also generated in
1000BASE-T master and 10BASE-T link-up modes. This mode
also generates a recovered clock output in EEE mode during
reception of LP_IDLE.
10: Squelch only when the link is not up.
11: Disable clock squelch.
Note: A clock from the Cu PHY will be output on the
recovered clock output in this mode when the link
is down.
When the CLK_SQUELCH_IN pin is set high, it squelches the
recovered clocks regardless of bit settings.
00
3
Reserved
RO
Reserved.
2:0
Clock selection
R/W
000: Reserved.
001: Copper PHY recovered clock.
010–111: Reserved.
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com