Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 38 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 38 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 34Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 35Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 36Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 37Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 38Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 39Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 40Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 41Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
29
4Registers
This section provides information about how to configure the VSC8541-02 device using its internal
memory registers and the management interface. The registers marked reserved and factory test should
not be read or written to, because doing so may produce undesired effects.
The default value documented for registers is based on the value at reset; in some cases, that value may
change immediately after reset.
The access type for each register is shown using the following abbreviations:
•
RO: Read Only
•
ROCR: Read Only, Clear on Read
•
RO/LH: Read Only, Latch High
•
RO/LL: Read Only, Latch Low
•
R/W: Read and Write
•
RWSC: Read and Write, Self-Clearing
The VSC8541-02 device uses several different types of registers:
•
IEEE Clause 22 device registers with addresses from 0 to 31
•
Two pages of extended registers with addresses from 17E1–30E1 and 16E2–30E2
•
General-purpose registers with addresses from 0G to 30G
•
IEEE Clause 45 devices registers accessible through the Clause 22 registers 13 and 14 to support
IEEE 802.3az-2010 Energy-Efficient Ethernet registers and IEEE 802.3bf-2011 registers
The following illustration shows the relationship between the device registers and their address spaces.
Figure 22 •
Register Space Diagram
Reserved Registers
For main registers 16–31, extended registers 17E1–30E1, 16E2–30E2, and general purpose registers
0G–30G, any bits marked as Reserved should be processed as read-only and their states as undefined.
Reserved Bits
In writing to registers with reserved bits, use a read-modify-then-write technique, where the entire
register is read but only the intended bits to be changed are modified. Reserved bits cannot be changed
and their read state cannot be considered static or unchanging.
4.1
Register and Bit Conventions
This document refers to registers by their address and bit number in decimal notation. A range of bits is
indicated with a colon. For example, a reference to address 26, bits 15 through 14 is shown as 26.15:14.
IEEE 802.3
Standard
Registers
Main Registers
0x0000
0
1
2
3
.
.
.
13
14
15
16
17
18
19
.
.
.
.
.
30
31
Extended
Registers 1
0x0001
16E1
17E1
18E1
19E1
.
.
.
.
.
30E1
Extended
Registers 2
0x0002
16E2
17E2
18E2
19E2
.
.
.
.
.
30E2
General Purpose
Registers
0x0010
0G
1G
2G
3G
.
.
.
.
.
15G
16G
17G
18G
19G
.
.
.
.
.
30G
Clause 45
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com