Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 64 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 64 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 60Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 61Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 62Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 63Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 64Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 65Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 66Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 67Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
55
4.4.8
Secure-On Password [31:16]
The following table shows the register settings for the Secure-On password used for WoL at 25E2.
4.4.9
Secure-On Password [47:32]
The following table shows the register settings for the Secure-On password used for WoL at 26E2.
4.4.10
Wake-on-LAN and MAC Interface Control
The following table shows the register settings for the Wake-on-LAN and MAC interface control at
address 27E2.
Table 65 •
Secure-On Password, 25E2 (0x19)
Bit
Name
Access Description
Default
15:0
Secure-On password [31:16]
R/W
Sticky bit.
Secure-On password for WoL middle
two bytes.
0x0000
Table 66 •
Secure-On Password, 26E2 (0x1A)
Bit
Name
Access Description
Default
15:0
Secure-On password [47:32]
R/W
Sticky bit.
Secure-On password for WoL upper
two bytes.
0x0000
Table 67 •
WoL and MAC Interface Control, Address 27E2 (0x1B)
Bit
Name
Access Description
Default
15
Secure-On enable
R/W
Sticky bit.
0: Disabled.
1: Enabled.
0
14
Secure-On password length
R/W
Sticky bit.
0: 6 byte password.
1: 4 byte password.
0
13:12
Reserved
RO
Reserved.
11:8
Address repetition count in Magic packet R/W
Sticky bit.
Count value:
0000: 1
0001: 2
0010: 3
0011: 4
0100: 5
0101: 6
0110: 7
0111: 8
1000: 9
1001: 10
1010: 11
1011: 12
1100: 13
1101: 14
1110: 15
1111: 16
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com