Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 12 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 12 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 8Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 9Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 10Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 11Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 12Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 13Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 14Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 15Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
Overview
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
3
2.1.3
Fast Link Up/Link Drop Modes
•
Fast link failure indication (<1 ms typical, programmable down to <10 µS)
•
Supports 1000Base-T forced mode for both master and slave end point configurations with constant
link self-monitoring and link auto-reset should the link come down
2.1.4
Best-in-Class Power Consumption
•
EcoEthernet™ v2.0 green energy efficiency with ActiPHY™, PerfectReach™, and IEEE 802.3az
Energy-Efficient Ethernet
•
Fully optimized power consumption for all link speeds
•
Clause 45 registers to support Energy-Efficient Ethernet
2.1.5
Key Specifications
•
Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX, and 1000BASE-T) specifications
•
Supports R/G/MII
•
Supports 1.5 V, 1.8 V, 2.5 V, and 3.3 V CMOS for RGMII versions 1.3 and 2.0 (without HSTL
support), GMII/MII as well as RMII version 1.2
•
Supports a variety of clock sources: 25 MHz Xtal, 25 MHz OSC, 50 MHz OSC, 125 MHz OSC
•
Supports programmable output frequencies of 25 MHz, 50 MHz, or 125 MHz, regardless of chosen
Xtal or OSC frequencies
•
Supports a wide array of stand-alone hardware configuration options
•
Supports all 5 bits of MDIO/MDC addressing possible for managed mode designs using pull-up/pull-
down resistors
•
Low alpha mold compound enables 80 SER FIT (VSC8541XMV-04 only)
•
Devices support operating temperatures of –40 °C ambient to 125 °C junction or 0 °C ambient to
125 °C junction
•
Optionally reports if a link partner is requesting inline Power-over-Ethernet (PoE and PoE+)
•
Available in 8 mm x 8 mm, 68-pin QFN package
2.2
Block Diagram
The following illustration shows the primary functional blocks of the VSC8541-02 device.
Figure 2 •
Block Diagram
LED[1:0]
10/100/
1000BASE-T
PMA
COMA_MODE
NRESET
MDC
MDIO
MDINT
Management
and
Control Interface
(MIIM)
PLL and Analog
CLKOUT
XTAL1/REFCLK
XTAL2
REFCLK_SEL[1:0]
REF_FILT_A
REF_REXT_A
LED Interface
RCVRD_CLK
CLK_SQUELCH_IN
FASTLINK_FAIL
Sync
Ethernet
10/100/
1000BASE-T
PCS
MDI
Twisted
Pair
Interface
P0_D0N
P0_D0P
P0_D1N
P0_D1P
P0_D2N
P0_D2P
P0_D3N
P0_D3P
PO_TX
P0_RX
MICRO
8051
Temp
Diode
MAC
Interface
(R/G/MII,
RMII)
THERMDC
THERMDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com