Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 49 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 49 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 45Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 46Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 47Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 48Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 49Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 50Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 51Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 52Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
40
The following information applies to the extended control and status bits:
•
When bit 22.15 is set, the link integrity state machine is bypassed and the PHY is forced into a link
pass status.
•
When bits 22.11:10 are set to 00, the squelch threshold levels are based on the IEEE standard for
10BASE-T. When set to 01, the squelch level is decreased, which can improve the bit error rate
performance on long loops. When set to 10, the squelch level is increased and can improve the bit
error rate in high-noise environments.
•
When bit 22.9 is set, all sticky register bits retain their values during a software reset. Clearing this
bit causes all sticky register bits to change to their default values upon software reset. Super-sticky
bits retain their values upon software reset regardless of the setting of bit 22.9.
•
When bit 22.0 is set, if a write to any PHY register (registers 0–31, including extended registers), the
same write is broadcast to all PHYs. For example, if bit 22.0 is set to 1 and a write to PHY0 is
executed (register 0 is set to 0x1040), all PHYs' register 0s are set to 0x1040. Disabling this bit
restores normal PHY write operation. Reads are still possible when this bit is set, but the value that
is read corresponds only to the particular PHY being addressed.
4.2.21
Extended PHY Control 1
The following table shows the settings available.
Note: After configuring bits 13:11 of the extended PHY control register set 1, a software reset (register 0, bit 15)
must be written to change the device operating mode. On read, these bits only indicate the actual
operating mode and not the pending operating mode setting before a software reset has taken place.
0
SMI broadcast write
R/W
Sticky bit.
1: Enabled.
0
Table 42 •
Extended PHY Control 1, Address 23 (0x17)
Bit
Name
Access Description
Default
15:14 Reserved
RO
Reserved.
13
MAC supplied clock
enable
R/W
MAC interface RX_CLK synchronization.
0: Synchronize RX_CLK to recovered clock.
1: Synchronize RX_CLK to REFCLK.
Note: This bit is not applicable to the RMII MAC
interface selection. This bit may be
changed during COMA mode or written
prior to a soft-reset, after which it takes
effect.
0
12:11
MAC interface selection R/W
MAC interface mode.
00: GMII/MII.
01: RMII.
10: RGMII.
11: Reserved.
Note: These bits may be changed during
COMA mode or written prior to a soft-
reset, after which it takes effect.
10
10:4
Reserved
RO
Reserved.
3
Far-end loopback mode R/W
1: Enabled.
0
2:0
Reserved
RO
Reserved.
Table 41 •
Extended Control and Status, Address 22 (0x16) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com