Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 80 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 80 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 76Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 77Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 78Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 79Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 80Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 81Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 82Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 83Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
71
Figure 26 •
GMII Transmit Timing
5.2.8
GMII Receive
The following table lists the characteristics when using the device in GMII receive mode. For information
about the GMII receive timing, see Figure 27, page 72.
Hold from GTX_CLK rising
tH
0
ns
When propagation delays of
the GMII “clock” path is no
more than 400 ps greater
than the GMII “signal” path
propagation delay.
GTX_CLK rise and fall times tR and tF
1.0
ns
Measured from 0.7 V to
1.9 V, VDDMAC = 2.5 V and
3.3 V
Table 106 •
GMII Receive AC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit Condition
Clock frequency
fCLK
125
MHz
Frequency offset tolerance
fTOL
–100
100
ppm
Pulse width high
tHIGH
2.5
ns
Pulse width low
tLOW
2.5
ns
Setup to RX_CLK rising
tSU
2.5
ns
Hold from RX_CLK rising
tH
0.5
ns
RX_CLK rise and fall times
tR and tF
1.0
ns
Measured from 0.7 V to
1.9 V, VDDMAC = 2.5 V and
3.3 V
Table 105 •
GMII Transmit (continued)AC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit Condition
GTX_CLK
TXD[7:0]
TX_EN
TX_ER
tHIGH
tLOW
fCLK
tH
tSU
tR
tF
1.9 V
0.7 V
0.7 V
1.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com