Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-05 Datasheet(PDF) 71 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 71 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 67Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 68Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 69Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 70Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 71Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 72Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 73Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 74Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
62
4.6.5
EEE Advertisement
This register defines the EEE advertisement that is sent in the unformatted next page following a EEE
technology message code. The following table shows the bit assignments for the EEE advertisement
register.
4.6.6
EEE Link Partner Advertisement
All the bits in the EEE LP advertisement register are read only. A write to the EEE LP advertisement
register has no effect. When the AN process has been completed, this register will reflect the contents of
the link partner's EEE advertisement register. The following table shows the bit assignments for the EEE
advertisement register.
4.6.7
802.3bf Registers
The following table shows the bit assignments for the 802.3bf registers. When the link is down, 0 is the
value returned. 1.1801 would be device address of 1 and register address of 1801.
Table 82 •
EEE Advertisement, Address 7.60
Bit
Name
Access Description
Default
15:3 Reserved
RO
Reserved.
2
1000BASE-T EEE
R/W
1: Advertise that the 1000BASE-T has EEE capability.
0: Do not advertise that the 1000BASE-T has EEE capability.
0
1
100BASE-TX EEE
R/W
1: Advertise that the 100BASE-TX has EEE capability.
0: Do not advertise that the 100BASE-TX has EEE
capability.
0
0
Reserved
RO
Reserved.
Table 83 •
EEE Advertisement, Address 7.61
Bit
Name
Access Description
15:3 Reserved
RO
Reserved.
2
1000BASE-T EEE
RO
1: Link partner is advertising EEE capability for 1000BASE-T.
0: Link partner is not advertising EEE capability for 1000BASE-T.
1
100BASE-TX EEE
RO
1: Link partner is advertising EEE capability for 100BASE-TX.
0: Link partner is not advertising EEE capability for 100BASE-TX.
0
Reserved
RO
Reserved.
Table 84 •
802.3bf Registers
Register
Name
Function
1.1800
PMA/PMD Time Sync capable
1: PMA/PMD Time Sync Tx capable.
0: PMA/PMD Time Sync Rx capable.
1.1801
PMA/PMD delay Tx max
Tx maximum delay through PHY (PMA/PMD/PCS).
1.1803
PMA/PMD delay Tx min
Tx minimum delay through PHY (PMA/PMD/PCS).
1.1805
PMA/PMD delay Rx max
Rx maximum delay through PHY (PMA/PMD/PCS).
1.1807
PMA/PMD delay Rx min
Rx minimum delay through PHY (PMA/PMD/PCS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com