Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 3Page - ATMEL Corporation AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation AT45DB321C Datasheet HTML 10Page - ATMEL Corporation AT45DB321C Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
3387L–DFLASH–6/06
AT45DB321C
5.2.6
Main Memory Page Program Through Buffer
This operation is a combination of the Buffer Write and Buffer to Main Memory Page Program
with Built-in Erase operations. Data is first clocked into buffer 1 or buffer 2 from the input pin (SI)
and then programmed into a specified page in the main memory. To initiate the operation, an
8-bit opcode, 82H for buffer 1 or 85H for buffer 2, must first be clocked into the device, followed
by three address bytes. The address bytes are comprised of one reserved bit, 13 page address
bits (PA12-PA0) that select the page in the main memory where data is to be written, and
10 buffer address bits (BFA9-BFA0) that select the first byte in the buffer to be written. After all
address bytes are clocked in, the part will take data from the input pins and store it in the speci-
fied data buffer. If the end of the buffer is reached, the device will wrap around back to the
beginning of the buffer. When there is a low-to-high transition on the CS pin, the part will first
erase the selected page in main memory to all 1s and then program the data stored in the buffer
into that memory page. Both the erase and the programming of the page are internally self-timed
and should take place in a maximum time of t
EP. During this time, the status register and the
RDY/BUSY pin will indicate that the part is busy.
5.3
Additional Commands
5.3.1
Main Memory Page to Buffer Transfer
A page of data can be transferred from the main memory to either buffer 1 or buffer 2. To start
the operation, a 1-byte opcode, 53H for buffer 1 and 55H for buffer 2, must be clocked into the
device, followed by three address bytes comprised of one reserved bit, 13 page address bits
(PA12- PA0), which specify the page in main memory that is to be transferred, and 10 don’t care
bits. The CS pin must be low while toggling the SCK pin to load the opcode and the address
bytes from the input pin (SI). The transfer of the page of data from the main memory to the buffer
will begin when the CS pin transitions from a low to a high state. During the transfer of a page of
data (t
XFR), the status register can be read to determine whether the transfer has been com-
pleted or not.
Table 5-1.
Block Erase Addressing
PA12
PA11
PA10
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
00
00
000
00
0
X
X
X
0
00
00
000
00
1
X
X
X
1
00
00
000
01
0
X
X
X
2
00
00
000
01
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
11
11
111
10
0
X
X
X
1020
11
11
111
10
1
X
X
X
1021
11
11
111
11
0
X
X
X
1022
11
11
111
11
1
X
X
X
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com