Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 9Page - ATMEL Corporation AT45DB321C Datasheet HTML 10Page - ATMEL Corporation AT45DB321C Datasheet HTML 11Page - ATMEL Corporation AT45DB321C Datasheet HTML 12Page - ATMEL Corporation AT45DB321C Datasheet HTML 13Page - ATMEL Corporation AT45DB321C Datasheet HTML 14Page - ATMEL Corporation AT45DB321C Datasheet HTML 15Page - ATMEL Corporation AT45DB321C Datasheet HTML 16Page - ATMEL Corporation AT45DB321C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
3387L–DFLASH–6/06
AT45DB321C
7.
Manufacturer and Device ID Read
This instruction conforms to the JEDEC standard and allows the user to read the Manufacturer ID, Device ID, and
Extended Device Information. A 1-byte opcode, 9FH, must be clocked into the device while the CS pin is low. After the
opcode is clocked in, the Manufacturer ID, 2 bytes of Device ID and Extended Device Information will be clocked out on the
SO pin. The fourth byte of the sequence output is the Extended Device Information String Length byte. This byte is used to
signify how many bytes of Extended Device Information will be output.
7.1
Manufacturer and Device ID Information
Note:
Based on JEDEC publication 106 (JEP106), Manufacturer ID data can be comprised of any number of bytes. Some manufacturers may have
Manufacturer ID codes that are two, three or even four bytes long with the first byte(s) in the sequence being 7FH. A system should detect code
7FH as a “Continuation Code” and continue to read Manufacturer ID bytes. The first non-7FH byte would signify the last byte of Manufacturer ID
data. For Atmel (and some other manufacturers), the Manufacturer ID data is comprised of only one byte.
7.1.1
Byte 1 – Manufacturer ID
Hex
Value
JEDEC Assigned Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1FH
0
0
0
1
1
1
1
1
Manufacturer ID
1FH = Atmel
7.1.2
Byte 2 – Device ID (Part 1)
Hex
Value
Family Code
Density Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Family Code
001 = DataFlash
27H
0
0
1
0
0
1
1
1
Density Code
00111 = 32-Mbit
7.1.3
Byte 3 – Device ID (Part 2)
Hex
Value
MLC Code
Product Version Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MLC Code
000 = 1-bit/Cell Technology
00H
0
0
0
0
0
0
0
0
Product Version
00000 = Initial Version
7.1.4
Byte 4 – Extended Device Information String Length
Hex
Value
Byte Count
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
0
0
0
0
0
0
0
0
Byte Count
00H = 0 Bytes of Information
9FH
Manufacturer ID
Byte n
Device ID
Byte 1
Device ID
Byte 2
This information
would only be output
if the Extended Device
Information String Length
value was something
other than 00H.
Extended
Device
Information
String Length
Extended
Device
Information
Byte x
Extended
Device
Information
Byte x + 1
CS
1FH
27H
00H
00H
Data
Data
SI
SO
Opcode
Each transition represents
8 bits and 8 clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com