Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 10Page - ATMEL Corporation AT45DB321C Datasheet HTML 11Page - ATMEL Corporation AT45DB321C Datasheet HTML 12Page - ATMEL Corporation AT45DB321C Datasheet HTML 13Page - ATMEL Corporation AT45DB321C Datasheet HTML 14Page - ATMEL Corporation AT45DB321C Datasheet HTML 15Page - ATMEL Corporation AT45DB321C Datasheet HTML 16Page - ATMEL Corporation AT45DB321C Datasheet HTML 17Page - ATMEL Corporation AT45DB321C Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
3387L–DFLASH–6/06
AT45DB321C
7.2
Security Register
The AT45DB321C contains a specialized register that can be used for security purposes in sys-
tem design. The Security Register is a unique 128-byte register that is divided into two portions.
The first 64 bytes (byte 0 to byte 63) of this page are allocated as a one-time user programmable
space. Once these 64 bytes have been programmed, they should not be reprogrammed. The
remaining 64 bytes of this page (byte 64 to byte 127) are factory programmed by Atmel and will
contain a unique number for each device. The factory programmed data is fixed and cannot be
changed.
The Security Register can be read by clocking in a 4-byte sequence 77H, 00H, 00H, 00H to the
device followed by 32 don’t care clock cycles. See the opcode Table 9-4 on page 20.
Note:
Next generation devices of the “D” family will not require the 32 don’t care clock cycles.
To program the first 64 bytes of the Security Register, a two step sequence must be used. The
first step requires that the user loads the desired data into Buffer 1 by using the Buffer 1 Write
operation (opcode 84H – “Buffer Write” on page 5). The user should specify the starting buffer
address as location zero and should write a full 64 bytes of information into the buffer. Other-
wise, the first 64 bytes of the buffer may contain data that was previously stored in the buffer. It
is not necessary to fill the remaining 464 bytes (byte locations 64 through 527) of the buffer with
data. After the Buffer 1 Write operation has been completed, the Security Register can be sub-
sequently programmed by reselecting the device and clocking in opcode 9AH into the device
followed by three don’t care bytes (24 clock cycles). After the final don’t care clock cycle has
been completed, a low-to-high transition on the CS pin will cause the device to initiate an inter-
nally self-timed program operation in which the contents of Buffer 1 will be programmed into the
Security Register. Only the first 64 bytes of data in Buffer 1 will be programmed into the Security
Register; the remaining 464 bytes of the buffer will be ignored. The Security Register program
operation should take place in a maximum time of t
P.
7.3
Operation Mode Summary
The modes described can be separated into two groups – modes that make use of the Flash
memory array (Group A) and modes that do not make use of the Flash memory array (Group B).
Group A modes consist of:
1.
Main Memory Page Read
2.
Continuous Array Read
3.
Main Memory Page to Buffer 1 (or 2) Transfer
4.
Main Memory Page to Buffer 1 (or 2) Compare
5.
Buffer 1 (or 2) to Main Memory Page Program with Built-in Erase
6.
Buffer 1 (or 2) to Main Memory Page Program without Built-in Erase
7.
Main Memory Page Program through Buffer 1 (or 2)
8.
Page Erase
9.
Block Erase
10. Auto Page Rewrite
Group B modes consist of:
1.
Buffer 1 (or 2) Read
2.
Buffer 1 (or 2) Write
3.
Status Register Read
4.
Manufacturer and Device ID Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com