Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 24Page - ATMEL Corporation AT45DB321C Datasheet HTML 25Page - ATMEL Corporation AT45DB321C Datasheet HTML 26Page - ATMEL Corporation AT45DB321C Datasheet HTML 27Page - ATMEL Corporation AT45DB321C Datasheet HTML 28Page - ATMEL Corporation AT45DB321C Datasheet HTML 29Page - ATMEL Corporation AT45DB321C Datasheet HTML 30Page - ATMEL Corporation AT45DB321C Datasheet HTML 31Page - ATMEL Corporation AT45DB321C Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
3387L–DFLASH–6/06
AT45DB321C
15.4
Detailed Bit-level Read Timing – RapidS Serial Interface Mode 0
15.4.1
Continuous Array Read (Opcode: E8H)
15.4.2
Main Memory Page Read (Opcode: D2H)
15.4.3
Buffer Read (Opcode: D4H or D6H)
SI
1
1X
X
X
CS
SO
SCK
12
62
63
64
65
66
67
HIGH IMPEDANCE
D7
D6
D5
D2
D1
D0
D7
D6
D5
DATA OUT
BIT 0
OF
PAGE n+1
BIT 4223
OF
PAGE n
LSB
MSB
tSU
tV
SI
1
1
0
10
XX
X
CS
SO
SCK
12345
60
61
62
63
64
65
66
67
XX
HIGH IMPEDANCE
COMMAND OPCODE
tSU
D7
D6
D5
DATA OUT
MSB
tV
D4
SI
1
1
0
10
XX
X
CS
SO
SCK
12345
36
37
38
39
40
41
42
43
XX
HIGH IMPEDANCE
COMMAND OPCODE
tSU
D7
D6
D5
DATA OUT
MSB
tV
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com