Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT45DB321C Datasheet HTML 1Page - ATMEL Corporation AT45DB321C Datasheet HTML 2Page - ATMEL Corporation AT45DB321C Datasheet HTML 3Page - ATMEL Corporation AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
3387L–DFLASH–6/06
AT45DB321C
5.
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions
and their associated opcodes are contained in Tables 1 through 4. A valid instruction starts with
the falling edge of CS followed by the appropriate 8-bit opcode and the desired buffer or main
memory address location. While the CS pin is low, toggling the SCK pin controls the loading of
the opcode and the desired buffer or main memory address location through the SI (serial input)
pin. All instructions, addresses, and data are transferred with the most significant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the terminology BFA9-BFA0 to denote
the 10 address bits required to designate a byte address within a buffer. Main memory address-
ing is referenced using the terminology PA12-PA0 and BA9-BA0, where PA12-PA0 denotes the
13 address bits required to designate a page address and BA9-BA0 denotes the 10 address bits
required to designate a byte address within the page.
5.1
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either
one of the two SRAM data buffers. The DataFlash supports RapidS protocol for Mode 0 and
Mode 3. Please refer to the “Detailed Bit-level Read Timing” diagrams in this datasheet for
details on the clock cycle sequences for each mode.
5.1.1
Continuous Array Read
By supplying an initial starting address for the main memory array, the Continuous Array Read
command can be utilized to sequentially read a continuous stream of data from the device by
simply providing a clock signal; no additional addressing information or control signals need to
be provided. The DataFlash incorporates an internal address counter that will automatically
increment on every clock cycle, allowing one continuous read operation without the need of
additional address sequences. To perform a continuous read, an opcode of E8H must be
clocked into the device. The opcode is followed by three address bytes (which comprises 24-bit
page and byte address sequence) and 32 don’t care clock cycles. The first bit of the 24-bit
address sequence is reserved for upward and downward compatibility to larger and smaller den-
sity devices (see the notes under Section 13.6 on page 25. The next 13 bits (PA12-PA0) of the
24-bit address sequence specify which page of the main memory array to read, and the last
10 bits (BA9-BA0) of the 24-bit address sequence specify the starting byte address within the
page. The 32 don’t care clock cycles that follow the four address bytes are needed to initialize
the read operation. Following the don’t care clock cycles, additional clock pulses on the SCK pin
will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the don’t care
bytes, and the reading of data. When the end of a page in main memory is reached during a
Continuous Array Read, the device will continue reading at the beginning of the next page with
no delays incurred during the page boundary crossover (the crossover from the end of one page
to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with cross-
ing over page boundaries, no delays will be incurred when wrapping around from the end of the
array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tristate the output pin
(SO). The maximum SCK frequency allowable for the Continuous Array Read is defined by the
f
CAR specification. The Continuous Array Read bypasses both data buffers and leaves the con-
tents of the buffers unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com