Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 14Page - ATMEL Corporation AT45DB321C Datasheet HTML 15Page - ATMEL Corporation AT45DB321C Datasheet HTML 16Page - ATMEL Corporation AT45DB321C Datasheet HTML 17Page - ATMEL Corporation AT45DB321C Datasheet HTML 18Page - ATMEL Corporation AT45DB321C Datasheet HTML 19Page - ATMEL Corporation AT45DB321C Datasheet HTML 20Page - ATMEL Corporation AT45DB321C Datasheet HTML 21Page - ATMEL Corporation AT45DB321C Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
3387L–DFLASH–6/06
AT45DB321C
Note:
1. Legacy Opcodes 52H, 54H, 56H, 57H, and 68H are still supported for reasons of backward compatibility only and are not
recommended for new designs. The inactive clock polarity high or low modes will not be supported in the future products.
Table 9-1.
Read Commands
Command
SCK Mode
Opcode
Continuous Array Read
RapidS Mode 0 or 3
E8H
Inactive Clock Polarity Low or High
68H
Main Memory Page Read
RapidS Mode 0 or 3
D2H
Inactive Clock Polarity Low or High
52H
Buffer 1 Read
RapidS Mode 0 or 3
D4H
Inactive Clock Polarity Low or High
54H
Buffer 2 Read
RapidS Mode 0 or 3
D6H
Inactive Clock Polarity Low or High
56H
Status Register Read
RapidS Mode 0 or 3
D7H
Inactive Clock Polarity Low or High
57H
Manufacturer and Device ID
RapidS Mode 0 or 3
9FH
Table 9-2.
Program and Erase Commands
Command
SCK Mode
Opcode
Buffer 1 Write
Mode 0, Mode 3
84H
Buffer 2 Write
Mode 0, Mode 3
87H
Buffer 1 to Main Memory Page Program with Built-in Erase
Mode 0, Mode 3
83H
Buffer 2 to Main Memory Page Program with Built-in Erase
Mode 0, Mode 3
86H
Buffer 1 to Main Memory Page Program without Built-in Erase
Mode 0, Mode 3
88H
Buffer 2 to Main Memory Page Program without Built-in Erase
Mode 0, Mode 3
89H
Page Erase
Mode 0, Mode 3
81H
Block Erase
Mode 0, Mode 3
50H
Main Memory Page Program Through Buffer 1
Mode 0, Mode 3
82H
Main Memory Page Program Through Buffer 2
Mode 0, Mode 3
85H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com