Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 21Page - ATMEL Corporation AT45DB321C Datasheet HTML 22Page - ATMEL Corporation AT45DB321C Datasheet HTML 23Page - ATMEL Corporation AT45DB321C Datasheet HTML 24Page - ATMEL Corporation AT45DB321C Datasheet HTML 25Page - ATMEL Corporation AT45DB321C Datasheet HTML 26Page - ATMEL Corporation AT45DB321C Datasheet HTML 27Page - ATMEL Corporation AT45DB321C Datasheet HTML 28Page - ATMEL Corporation AT45DB321C Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
3387L–DFLASH–6/06
AT45DB321C
13.5
Reset Timing
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
13.6
Command Sequence for Read/Write Operations (except Status Register Read)
Notes:
1. “r” designates bits reserved for larger densities.
2. It is recommended that “r” be a logical “0” for densities of 32M bits or smaller.
3. For densities larger than 32M bits, the “r” bit becomes the most significant Page Address bit for the appropriate density.
CS
SCK
RESET
SO
HIGH IMPEDANCE
HIGH IMPEDANCE
SI
tRST
tREC
tCSS
SI
CMD
8 bits
8 bits
8 bits
MSB
Reserved for
larger densities
Page Address
(PA12-PA0)
Byte/Buffer Address
(BA9-BA0/BFA9-BFA0)
LSB
r X X X X X X X
X X X X X X X X
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com