Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 16Page - ATMEL Corporation AT45DB321C Datasheet HTML 17Page - ATMEL Corporation AT45DB321C Datasheet HTML 18Page - ATMEL Corporation AT45DB321C Datasheet HTML 19Page - ATMEL Corporation AT45DB321C Datasheet HTML 20Page - ATMEL Corporation AT45DB321C Datasheet HTML 21Page - ATMEL Corporation AT45DB321C Datasheet HTML 22Page - ATMEL Corporation AT45DB321C Datasheet HTML 23Page - ATMEL Corporation AT45DB321C Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
3387L–DFLASH–6/06
AT45DB321C
Note:
r = Reserved Bit, P = Page Address Bit, B = Byte/Buffer Address Bit, x = Don’t Care
Table 9-4.
Detailed Bit-level Addressing Sequence
Opcode
Opcode
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Required
50H
0101000 0
r
PPPPP
PPPPP
x
xxxxx
xxxxx
xx
N/A
52H
0101001 0
r
PPPPP
PPPPP
PPP
BBBB
BBBBB
B
4 Bytes
53H
0101001 1
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
54H
0101010 0
x
xxxxx
xxxxxx
xx
BBBB
BBBBB
B
1 Byte
55H
0101010 1
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
56H
0101011 0
x
xxxxx
xxxxxx
xx
BBBB
BBBBB
B
1 Byte
57H
0101011 1
N/A
N/A
N/A
N/A
58H
0101100 0
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
59H
0101100 1
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
60H
0110000 0
r
PPPPP
PPPPP
PPP
x
x
x
xxxxx
xx
N/A
61H
0110000 1
r
PPPPP
PPPPP
PPP
x
x
x
xxxxx
xx
N/A
68H
0110100 0
r
PPPPP
PPPPP
PPP
BBBB
BBBBB
B
4 Bytes
77H
0111011 1
0
0
000000
00000
00000
000000
4
81H
1000000 1
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
82H
1000001 0
r
PPPPP
PPPPP
PPP
BBBB
BBBBB
B
N/A
83H
1000001 1
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
84H
1000010 0
x
xxxxx
xxxxxx
xx
BBBB
BBBBB
B
N/A
85H
1000010 1
r
PPPPP
PPPPP
PPP
BBBB
BBBBB
B
N/A
86H
1000011 0
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
87H
1000011 1
x
xxxxx
xxxxxx
xx
BBBB
BBBBB
B
N/A
88H
1000100 0
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
89H
1000100 1
r
PPPPP
PPPPP
PPP
xxx
xxxxx
xx
N/A
9AH
1001101 0
x
xxxxx
xxxxxx
xxxxx
xxxxx
xx
N/A
9FH
1001111 1
N/A
N/A
N/A
N/A
D2H
1101001 0
r
PPPPP
PPPPP
PPP
BBBB
BBBBB
B
4
D4H
1101010 0
x
xxxxx
xxxxxx
xx
BBBB
BBBBB
B
1
D6H
1101011 0
x
xxxxx
xxxxxx
xx
BBBB
BBBBB
B
1
D7H
1101011 1
N/A
N/A
N/A
1/0
E8H
1110100 0
r
PPPPP
PPPPP
PPP
BBBB
BBBBB
B
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com