Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321C Datasheet HTML 1Page - ATMEL Corporation AT45DB321C Datasheet HTML 2Page - ATMEL Corporation AT45DB321C Datasheet HTML 3Page - ATMEL Corporation AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
• Single 2.7 - 3.6V Supply
• RapidS™ Serial Interface: 40 MHz Maximum Clock Frequency
(SPI Modes 0 and 3 Compatible for Frequencies Up to 33 MHz)
• Page Program
– 8192 Pages (528 Bytes/Page)
• Automated Erase Operations
– Page Erase 528 Bytes
– Block Erase 4,224 Bytes
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 10 mA Active Read Current Typical
– 6 µA Standby Current Typical
• Hardware and Software Data Protection Features
– Individual Sector Locking
• Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles per Page Minimum
• Data Retention – 20 years
• Commercial and Industrial Temperature Ranges
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB321C is an SPI compatible, serial-interface Flash memory ideally suited
f o r a wid e var i ety of digit a l voice-, imag e-, p r ogr am cod e - and d a ta-
storage applications. The AT45DB321C supports a 4-wire serial interface known as
RapidS for applications requiring very high speed operations.
Its 34,603,008 bits of memory are organized as 8192 pages of 528 bytes each. In
addition to the 33-megabit main memory, the AT45DB321C also contains two SRAM
buffers of 528 bytes each.
The buffers allow the receiving of data while a page in the main page Memory is being
reprogrammed, as well as writing a continuous data stream. EEPROM emulation (bit
or byte alterability) is easily handled with a self-contained three step read-modify-write
operation. Unlike conventional Flash memories that are accessed randomly with mul-
tiple address lines and a parallel interface, the DataFlash uses a RapidS serial
interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates hardware layout, increases system reliability, min-
imizes switching noise, and reduces package size. The device is optimized for use in
many commercial and industrial applications where high-density, low-pin count, low-
voltage and low-power are essential. The device operates at clock frequencies up to
40 MHz with a typical active read current consumption of 10 mA.
32-megabit
2.7 volt
DataFlash®
AT45DB321C
3387L–DFLASH–6/06


Similar Part No. - AT45DB321C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C-CC ATMEL-AT45DB321C-CC Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C-CI ATMEL-AT45DB321C-CI Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C-CNC ATMEL-AT45DB321C-CNC Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C-CNU ATMEL-AT45DB321C-CNU Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
More results

Similar Description - AT45DB321C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com