Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 2Page - ATMEL Corporation AT45DB321C Datasheet HTML 3Page - ATMEL Corporation AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation AT45DB321C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
3387L–DFLASH–6/06
AT45DB321C
5.2.2
Buffer to Main Memory Page Program with Built-in Erase:
Data written into either buffer 1 or buffer 2 can be programmed into the main memory. To start
the operation, an 8-bit opcode, 83H for buffer 1 or 86H for buffer 2, must be clocked into the
device followed by three address bytes consisting of one reserved bit, 13 page address bits
(PA12-PA0) that specify the page in the main memory to be written and 10 don’t care bits. When
a low-to-high transition occurs on the CS pin, the part will first erase the selected page in main
memory (the erased state is a logic 1) and then program the data stored in the buffer into the
specified page in main memory. Both the erase and the programming of the page are internally
self-timed and should take place in a maximum time of t
EP. During this time, the status register
and the RDY/BUSY pin will indicate that the part is busy.
5.2.3
Buffer to Main Memory Page Program without Built-in Erase
A previously-erased page within main memory can be programmed with the contents of either
buffer 1 or buffer 2. To start the operation, an 8-bit opcode, 88H for buffer 1 or 89H for buffer 2,
must be clocked into the device followed by three address bytes consisting of one reserved bit,
13 page address bits (PA12-PA0) that specify the page in the main memory to be written and 10
don’t care bits. When a low-to-high transition occurs on the CS pin, the part will program the
data stored in the buffer into the specified page in the main memory. It is necessary that the
page in main memory that is being programmed has been previously erased using one of the
erase commands (Page Erase or Block Erase). The programming of the page is internally self-
timed and should take place in a maximum time of t
P. During this time, the status register and
the RDY/BUSY pin will indicate that the part is busy.
5.2.4
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array
allowing the Buffer to Main Memory Page Program without Built-in Erase command to be utilized
at a later time. To perform a page erase, an opcode of 81H must be loaded into the device, fol-
lowed by three address bytes comprised of one reserved bit, 13 page address bits (PA12-PA0)
that specify the page in the main memory to be erased and 10 don’t care bits. When a low-to-
high transition occurs on the CS pin, the part will erase the selected page (the erased state is a
logic 1). The erase operation is internally self-timed and should take place in a maximum time of
t
PE. During this time, the status register and the RDY/BUSY pin will indicate that the part is busy.
5.2.5
Block Erase
A block of eight pages can be erased at one time. This command is useful when large amounts
of data has to be written into the device. This will avoid using multiple Page Erase Commands.
To perform a block erase, an opcode of 50H must be loaded into the device, followed by three
address bytes comprised of one reserved bit, 10 page address bits (PA12-PA3) and 13 don’t
care bits. The 10 page address bits are used to specify which block of eight pages is to be
erased. When a low-to-high transition occurs on the CS pin, the part will erase the selected
block of eight pages. The erase operation is internally self-timed and should take place in a max-
imum time of t
BE. During this time, the status register and the RDY/BUSY pin will indicate that
the part is busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com