Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 19Page - ATMEL Corporation AT45DB321C Datasheet HTML 20Page - ATMEL Corporation AT45DB321C Datasheet HTML 21Page - ATMEL Corporation AT45DB321C Datasheet HTML 22Page - ATMEL Corporation AT45DB321C Datasheet HTML 23Page - ATMEL Corporation AT45DB321C Datasheet HTML 24Page - ATMEL Corporation AT45DB321C Datasheet HTML 25Page - ATMEL Corporation AT45DB321C Datasheet HTML 26Page - ATMEL Corporation AT45DB321C Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
3387L–DFLASH–6/06
AT45DB321C
11. Input Test Waveforms and Measurement Levels
tR, tF < 2 ns (10% to 90%)
12. Output Test Load
13. AC Waveforms
Four different timing waveforms are shown below. Waveform 1 shows the SCK signal being low
when CS makes a high-to-low transition, and waveform 2 shows the SCK signal being high
when CS makes a high-to-low transition. In both cases, output SO becomes valid while the SCK
signal is still low (SCK low time is specified as t
WL). Timing waveforms 1 and 2 conform to Rap-
idS serial interface but for frequencies up to 33 MHz and are compatible with SPI Mode 0 and
SPI Mode 3 respectively. Waveforms 1 and 2 are also compatible with inactive clock polarity low
and inactive clock polarity high, since the maximum specified frequency in that case is 33 MHz.
Waveform 3 and waveform 4 illustrate general timing diagram for RapidS serial interface. These
are similar to waveform 1 and waveform 2, except that output SO is not restricted to become
valid during the t
WL period. These timing waveforms are valid over the full frequency range (max-
imum frequency = 40 MHz) of the RapidS serial case.
13.1
Waveform 1 – SPI Mode 0 Compatible (for Frequencies up to 33 MHz)
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0V
1.5V
3.0V
DEVICE
UNDER
TEST
30 pF
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com