Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation AT45DB321C Datasheet HTML 10Page - ATMEL Corporation AT45DB321C Datasheet HTML 11Page - ATMEL Corporation AT45DB321C Datasheet HTML 12Page - ATMEL Corporation AT45DB321C Datasheet HTML 13Page - ATMEL Corporation AT45DB321C Datasheet HTML 14Page - ATMEL Corporation AT45DB321C Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
3387L–DFLASH–6/06
AT45DB321C
6.3.1
Erasing the Sector Protection Register
To erase the Sector Protection Register, the CS pin must first be asserted. Once the CS pin has
been asserted, the 4-byte erase command sequence must be clocked in via the SI (serial input)
pin. After the last bit of the command sequence has been clocked in, the CS pin must be deas-
serted to initiate the internally self-timed erase cycle (t
PE). The Ready/Busy status will indicate
that the device is busy during the erase cycle. The erased state of each bit (of a byte) in the Sec-
tor Protection Register indicates that the corresponding sector is flagged for protection. The
RESET pin is disabled during this erase cycle to prevent incomplete erasure of the Sector Pro-
tection Register.
6.3.2
Programming the Sector Protection Register
To program the Sector Protection Register, the CS pin must first be asserted. Once the CS pin
has been asserted, the 4-byte command sequence must be clocked in via the SI (serial input)
pin. After the last bit of the command sequence has been clocked in, the data for the contents of
the Sector Protection Register must be clocked in. The first byte corresponds to sector 0 (0a,
0b), the second byte corresponds to Sector 1 and the last byte (byte 16) corresponds to Sector
15. After the last bit of data has been clocked in, the CS pin must be deasserted to initiate the
internally self-timed program cycle (t
P). The Ready/Busy status will indicate that the device is
busy during the program cycle. The RESET pin is disabled during this program cycle to prevent
incomplete programming of the sector protection register.
6.3.3
Reading the Sector Protection Register
To read the Sector Protection Register, the CS pin must first be asserted. Once the CS pin has
been asserted, a 4-byte command sequence 32H, 00H, 00H, 00H and 32 don’t care clock cycles
must be clocked in via the SI (serial input) pin. The 32 don’t care clock cycles are required to ini-
tialize the read operation. After the 32 don’t care clock cycles, any additional clock pulses on the
SCK pin will result in data being output on the SO (serial output) pin. The read will begin with
Byte_1 of the Sector Protection Register for Sector_0, followed with Byte_2 for Sector_1. The
read operation will continue until Byte_16 for Sector_15 is read. Once the last byte is read a low-
to-high transition on the CS pin is required to terminate the read operation.
Note:
Next generation devices of the “D” family will not require the 32 don’t care clock cycles.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3DH
2AH
7FH
CFH
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3DH
2AH
7FH
FCH
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32H
00H
00H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com