Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 2Page - Texas Instruments MSP430F14X Datasheet HTML 3Page - Texas Instruments MSP430F14X Datasheet HTML 4Page - Texas Instruments MSP430F14X Datasheet HTML 5Page - Texas Instruments MSP430F14X Datasheet HTML 6Page - Texas Instruments MSP430F14X Datasheet HTML 7Page - Texas Instruments MSP430F14X Datasheet HTML 8Page - Texas Instruments MSP430F14X Datasheet HTML 9Page - Texas Instruments MSP430F14X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
6
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Device Comparison
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum in Section 8, or see the TI website at
www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture/compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively.
(4)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture/compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively.
3
Device Comparison
Table 3-1 summarizes the features of the device variants in this data sheet.
Table 3-1. Device Comparison(1)(2)
Device
Flash
SRAM
Timer_A(3)
Timer_B(4)
USART
COMP_A
ADC12
(Channels)
I/Os
Package
MSP430F149
60KB
2KB
3
7
2
1
8
48
64-pin PM
64-pin PAG
64-pin RTD
MSP430F1491
60KB
2KB
3
7
2
1
8
48
64-pin PM
64-pin RTD
MSP430F148
48KB
2KB
3
7
2
1
8
48
64-pin PM
64-pin PAG
64-pin RTD
MSP430F1481
48KB
2KB
3
7
2
1
8
48
64-pin PM
64-pin RTD
MSP430F147
32KB
1KB
3
7
2
1
8
48
64-pin PM
64-pin PAG
64-pin RTD
MSP430F1471
32KB
1KB
3
7
2
1
8
48
64-pin PM
64-pin RTD
MSP430F135
16KB
512 bytes
3
3
1
1
8
48
64-pin PM
64-pin PAG
64-pin RTD
MSP430F133
8KB
256 bytes
3
3
1
1
8
48
64-pin PM
64-pin PAG
64-pin RTD
3.1
Related Products
For information about other devices in this family of products or related products, see the following links.
TI 16-bit and 32-bit microcontrollers High-performance, low-power solutions to enable the autonomous
future
Products for MSP430 ultra-low-power microcontrollers
One
platform.
One
ecosystem.
Endless
possibilities.
Products for other MSP430 microcontrollers MCUs for metrology, monitoring, system control, and
communications
Companion Products for MSP430F149 Review products that are frequently purchased or used with this
product.
Reference Designs The TI Designs Reference Design Library is a robust reference design library that
spans analog, embedded processor, and connectivity. Created by TI experts to help you
jump start your system design, all TI Designs include schematic or block diagrams, BOMs,
and design files to speed your time to market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com